Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ2138 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SJ2138 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SJ2138
Download  SJ2138 Download
File Size   968.98 Kbytes
Page   5 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Low Dropout Voltage Regulator

SJ2138 Datasheet (PDF)

Go To PDF Page Download Datasheet
SJ2138 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SJ2138
Download  SJ2138 Click to download

File Size   968.98 Kbytes
Page   5 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Low Dropout Voltage Regulator

SJ2138 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SJ2138 Product details

Description
The SJ 2138 is stable with an output capacitance of 4.7mF or greater. The SJ2138 series of positive,linear regulators feature low quiescent current (45mA typ.) with low dropout voltage, making them ideal for battery applications.These rugged devices have bothThermal Shutdown and Current Fold-back to prevent device failure under the "Worst" of operating conditions.
   
Features
* Low Temperature Coefficient
* Over-Temperature Shutdown
* Very Low Dropout Voltage
* High Accurate ±1.5%
* Short Circuit Current Fold-back
* Guaranteed 1.5A output
* Current Limiting
   
Applications
* PC Peripherals
* Wireless Devices
* Portable Electronics
* Battery Powered Widgets
* Instrumentation
   




Similar Part No. - SJ2138

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
SJ214 MULTICOMP-SJ214 Datasheet
171Kb / 1P
Power Jack - Phono
25/09/12 V1.0
logo
SeCoS Halbleitertechnol...
SJ2148 SECOS-SJ2148 Datasheet
974Kb / 5P
Low Dropout Voltage Regulator
More results


Similar Description - SJ2138

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com