Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA4735 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SMA4735 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SMA4735
Download  SMA4735 Download
File Size   318.18 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.0 Watts Surface Mount Zener Diode

SMA4735 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA4735 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SMA4735
Download  SMA4735 Click to download

File Size   318.18 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.0 Watts Surface Mount Zener Diode

SMA4735 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SMA4735 Product details

VOLTAGE 6.2V~ 100V



●FEATURES

.  For surface mounted applications

. 1.0W power dissipation

. Low reverse current

. Ideally suited for automated assembly processes

. Epitaxial construction




Similar Part No. - SMA4735

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA4735 SECOS-SMA4735 Datasheet
332Kb / 3P
1.0 Watts Surface Mount Zener Diode
logo
Yangzhou yangjie electr...
SMA4735A YANGJIE-SMA4735A Datasheet
194Kb / 3P
Zener Diodes
logo
Formosa MS
SMA4735A FORMOSA-SMA4735A Datasheet
151Kb / 4P
Surface Mount Zener Diodes 1W
logo
Socay Electornics Co., ...
SMA4735A SOCAY-SMA4735A Datasheet
149Kb / 5P
SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
SMA4735A SOCAY-SMA4735A Datasheet
149Kb / 5P
Surface Mount Zener Diodes
More results


Similar Description - SMA4735

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA4741 TSC-1SMA4741_1 Datasheet
339Kb / 4P
1.0 Watts Surface Mount Silicon Zener Diode
logo
SeCoS Halbleitertechnol...
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
3.0 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
1.0 Watts Surface Mount Zener Diode
logo
SUNMATE electronic Co.,...
PTZ3.6B SUNMATE-PTZ3.6B Datasheet
299Kb / 2P
1.0 Watts Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX Datasheet
332Kb / 3P
1.0 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
1.5 Watts Surface Mount Zener Diode
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
3.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
3 Watts Surface Mount Zener Diode
logo
SeCoS Halbleitertechnol...
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
3 Watts Surface Mount Zener Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com