Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SMAJ Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SMAJ
Download  SMAJ Download
File Size   455.88 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 400W Peak Power Surface Mount TVS

SMAJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SMAJ
Download  SMAJ Click to download

File Size   455.88 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 400W Peak Power Surface Mount TVS

SMAJ Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SMAJ Product details

FEATURES
* For surface mount application
* Built-in strain relief
* Excellent clamping capability
* Low profile package
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1mA above 10V
* High temperature soldering guaranteed: 260 °C / 10 seconds at terminals




Similar Part No. - SMAJ

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ JGD-SMAJ Datasheet
313Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMAJ EIC-SMAJ Datasheet
28Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
More results


Similar Description - SMAJ

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KE6.8 SECOS-P4KE6.8 Datasheet
194Kb / 4P
400W Peak Power / 1.0W Steady State 400W Peak Power TVS
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
400W Peak Power TVS
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
400W SURFACE MOUNT TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
400W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
400W Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
Peak Power Surface Mount TVS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com