Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF112ED Datasheet (PDF) - MicroPower Direct, LLC

LF112ED Datasheet PDF - MicroPower Direct, LLC
Part # LF112ED
Download  LF112ED Download
File Size   233.41 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Lowest Cost, Dual Output Ultra-Miniature 1W SMT DC/DC Con vert ers

LF112ED Datasheet (PDF)

Go To PDF Page Download Datasheet
LF112ED Datasheet PDF - MicroPower Direct, LLC

Part # LF112ED
Download  LF112ED Click to download

File Size   233.41 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Lowest Cost, Dual Output Ultra-Miniature 1W SMT DC/DC Con vert ers

LF112ED Datasheet (HTML) - MicroPower Direct, LLC


LF112ED Product details

Key Features:
• 1W Output Power
• Ultra-Miniature SMT Case
• UL Approved (File E245422)
• Dual Outputs
• Low 0.29” Profile
• 1,000 VDC Isolation
• >3.5 MHour MTBF
• 3.3V, 5V, & 12V Inputs
• LOWEST COST!




Similar Part No. - LF112ED

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF112ED MPD-LF112ED Datasheet
233Kb / 2P
F100ED SERIES
LF112EDI MPD-LF112EDI Datasheet
244Kb / 2P
Low Cost, Dual Output High Isolation 1W SMT DC/DC Converters
LF112EDI MPD-LF112EDI Datasheet
244Kb / 2P
LF100EDI SERIES
More results


Similar Description - LF112ED

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D100ER MPD-D100ER Datasheet
192Kb / 2P
Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
LF100ES MPD-LF100ES Datasheet
235Kb / 2P
Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
A100EHI MPD-A100EHI_14 Datasheet
207Kb / 2P
Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Con vert ers
ML100RW MPD-ML100RW Datasheet
419Kb / 2P
Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
MD200XE MPD-MD200XE Datasheet
350Kb / 2P
Low Cost, 2W Miniature SIP DC/DC Con vert ers
MD100MEHI MPD-MD100MEHI Datasheet
452Kb / 3P
Miniature, 1W SIP Medical Approved DC/DC Con vert ers
MHI100X-XXDI5.7 MPD-MHI100X-XXDI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Con vert ers
ML100MRI4 MPD-ML100MRI4 Datasheet
253Kb / 2P
Medical Approved Compact SMT, 1W DC/DC Con vert ers
ME05S MPD-ME05S_18 Datasheet
448Kb / 2P
Low Cost, 0.5W Ultra-Miniature SIP DC/DC Con vert ers
D100D MPD-D100D Datasheet
141Kb / 2P
Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com