Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF113EDI Datasheet (PDF) - MicroPower Direct, LLC

LF113EDI Datasheet PDF - MicroPower Direct, LLC
Part # LF113EDI
Download  LF113EDI Download
File Size   244.25 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, Dual Output High Isolation 1W SMT DC/DC Converters

LF113EDI Datasheet (PDF)

Go To PDF Page Download Datasheet
LF113EDI Datasheet PDF - MicroPower Direct, LLC

Part # LF113EDI
Download  LF113EDI Click to download

File Size   244.25 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, Dual Output High Isolation 1W SMT DC/DC Converters

LF113EDI Datasheet (HTML) - MicroPower Direct, LLC


LF113EDI Product details

Key Features:
• 1W Output Power
• 3,000 VDC Isolation
• Ultra-Miniature SMT Case
• UL Approved (File E245422)
• Dual Outputs
• Low 0.24” Profile
• >3.5 MHour MTBF
• 3.3, 5V, & 12V Inputs
• LOWEST COST!




Similar Part No. - LF113EDI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF113EDI MPD-LF113EDI Datasheet
244Kb / 2P
LF100EDI SERIES
More results


Similar Description - LF113EDI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D118EI ETC1-D118EI Datasheet
82Kb / 2P
Low Cost, 1W High Isolation SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
MSLU300 MINMAX-MSLU300 Datasheet
178Kb / 6P
1W, High Isolation SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100E MPD-D100E Datasheet
183Kb / 2P
Low Cost, 1W SIP Single & Dual Output DC/DC Converters
D100EI MPD-D100EI Datasheet
183Kb / 2P
Low Cost, 1W SIP High Isolation DC/DC Converters
G100E MPD-G100E Datasheet
183Kb / 2P
Low Cost, 1W MiniDIP Single & Dual Output DC/DC Converters
G100EI MPD-G100EI Datasheet
180Kb / 2P
Low Cost, 1W MiniDIP High Isolation DC/DC Converters
LF100DI MPD-LF100DI Datasheet
216Kb / 2P
High Isolation, 1W Dual Output SMT DC/DC Converters
LF100ESI MPD-LF100ESI Datasheet
288Kb / 2P
Low Cost, Single Output 1W High Isolation SMT DC/DC Converters
LF100SI MPD-LF100SI Datasheet
218Kb / 2P
High Isolation, 1W Single Output SMT DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com