Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF151ES Datasheet (PDF) - MicroPower Direct, LLC

LF151ES Datasheet PDF - MicroPower Direct, LLC
Part # LF151ES
Download  LF151ES Download
File Size   235.35 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters

LF151ES Datasheet (PDF)

Go To PDF Page Download Datasheet
LF151ES Datasheet PDF - MicroPower Direct, LLC

Part # LF151ES
Download  LF151ES Click to download

File Size   235.35 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters

LF151ES Datasheet (HTML) - MicroPower Direct, LLC


LF151ES Product details

Key Features:
• 1W Output Power
• Ultra-Miniature SMT Case
• UL Approved (File E245422)
• Single Output
• Low 0.246” Profile
• 1,000 VDC Isolation
• >3.5 MHour MTBF
• 3.3V, 5V, & 12V Inputs
• LOWEST COST!




Similar Part No. - LF151ES

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF151ESI MPD-LF151ESI Datasheet
288Kb / 2P
Low Cost, Single Output 1W High Isolation SMT DC/DC Converters
More results


Similar Description - LF151ES

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFU100 MINMAX-MFU100 Datasheet
156Kb / 6P
1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
logo
MicroPower Direct, LLC
E100E MPD-E100E Datasheet
230Kb / 2P
Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
H100E MPD-H100E Datasheet
210Kb / 2P
Low Cost, 1W, Ultra-Miniature DC/DC Converters
LF100D MPD-LF100D Datasheet
542Kb / 4P
Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
LF100ED MPD-LF100ED Datasheet
233Kb / 2P
Lowest Cost, Dual Output Ultra-Miniature 1W SMT DC/DC Con vert ers
LF100ESI MPD-LF100ESI Datasheet
288Kb / 2P
Low Cost, Single Output 1W High Isolation SMT DC/DC Converters
LF100S MPD-LF100S Datasheet
477Kb / 4P
Ultra-Miniature, 1W Single Output SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
Ultra-Miniature, 2W Single Output SMT DC/DC Converters
ACP100E MPD-ACP100E Datasheet
285Kb / 2P
Low Cost, 1W Ultra-Miniature DC/DC Converters
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
2W, Single Output Ultra-Miniature SMT DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com