Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U15A05 Datasheet (PDF) - Mospec Semiconductor

U15A05 Datasheet PDF - Mospec Semiconductor
Part # U15A05
Download  U15A05 Download
File Size   132.22 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description FAST RECTIFIERS(15A,50-200V)

U15A05 Datasheet (PDF)

Go To PDF Page Download Datasheet
U15A05 Datasheet PDF - Mospec Semiconductor

Part # U15A05
Download  U15A05 Click to download

File Size   132.22 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description FAST RECTIFIERS(15A,50-200V)

U15A05 Datasheet (HTML) - Mospec Semiconductor


U15A05 Product details

ULTRA FAST RECTIFIER 15 AMPERES 50 -- 200 VOLTS




Similar Part No. - U15A05

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
U15A05PT CHENMKO-U15A05PT Datasheet
111Kb / 2P
ULTRA FAST RECTIFIER
More results


Similar Description - U15A05

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
F06C05 MOSPEC-F06C05 Datasheet
133Kb / 2P
FAST RECOVERY RECTIFIERS(6.0A,50-200V)
U10A05 MOSPEC-U10A05 Datasheet
133Kb / 2P
FAST RECTIFIERS(10A,50-200V)
U16C05 MOSPEC-U16C05 Datasheet
138Kb / 2P
FAST RECTIFIERS(16A,50-200V)
logo
NTE Electronics
NTE599 NTE-NTE599 Datasheet
18Kb / 2P
Silicon Rectifier Ultra Fast, 200V, 15A
logo
Shindengen Electric Mfg...
D15LC20U SHINDENGEN-D15LC20U Datasheet
457Kb / 7P
Super Fast Recovery Rectifiers(200V 15A)
D15XB20 SHINDENGEN-D15XB20 Datasheet
303Kb / 6P
General Purpose Rectifiers(200V 15A)
logo
Fairchild Semiconductor
FRM3200CC FAIRCHILD-FRM3200CC Datasheet
113Kb / 4P
Ultra-fast POWERplanar??Rectifiers 32 A, 50-200V
logo
Rohm
RDN150N20 ROHM-RDN150N20 Datasheet
101Kb / 4P
Switching (200V, 15A)
logo
Taiwan Semiconductor Co...
TSP15H120S TSC-TSP15H120S Datasheet
237Kb / 5P
15A, 120V - 200V Trench Schottky Rectifiers
logo
SeCoS Halbleitertechnol...
SMPD15200L SECOS-SMPD15200L Datasheet
225Kb / 2P
200V, 15A Low VF Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com