Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3020R Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SP3020R Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SP3020R
Download  SP3020R Download
File Size   287.67 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 30.0AMP Schottky Barrier Rectifiers

SP3020R Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3020R Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SP3020R
Download  SP3020R Click to download

File Size   287.67 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 30.0AMP Schottky Barrier Rectifiers

SP3020R Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SP3020R Product details

FEATURES
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction

MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
   method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams




Similar Part No. - SP3020R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3021 LITTELFUSE-SP3021 Datasheet
1Mb / 4P
The SP3021 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
SP3022 LITTELFUSE-SP3022 Datasheet
860Kb / 5P
SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
SP3022-01ETG LITTELFUSE-SP3022-01ETG Datasheet
860Kb / 5P
SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
SP3022-01WTG LITTELFUSE-SP3022-01WTG Datasheet
860Kb / 5P
SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
SP3025-04HTG LITTELFUSE-SP3025-04HTG Datasheet
1Mb / 5P
TVS Diode Arrays (SPA? ? DDiiooddeess)) Lightning Surge Protection- SP3384NUTG
Revision: 01/14/20
More results


Similar Description - SP3020R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP30150R SECOS-SP30150R Datasheet
232Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SR3020R SECOS-SR3020R Datasheet
207Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SR30150R SECOS-SR30150R Datasheet
145Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SR30200 SECOS-SR30200 Datasheet
209Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3040RF SECOS-SBR3040RF_10 Datasheet
558Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3045RF SECOS-SBR3045RF Datasheet
792Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3060RF SECOS-SBR3060RF_10 Datasheet
594Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR30150R SECOS-SBR30150R_09 Datasheet
396Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3040RF SECOS-SBR3040RF_15 Datasheet
558Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3045RF SECOS-SBR3045RF_15 Datasheet
792Kb / 2P
30.0AMP Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com