Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3040R Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SP3040R Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SP3040R
Download  SP3040R Download
File Size   287.67 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 30.0AMP Schottky Barrier Rectifiers

SP3040R Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3040R Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SP3040R
Download  SP3040R Click to download

File Size   287.67 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 30.0AMP Schottky Barrier Rectifiers

SP3040R Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SP3040R Product details

FEATURES
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction

MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
   method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams




Similar Part No. - SP3040R

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SP3040CF WILLAS-SP3040CF Datasheet
360Kb / 2P
30.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Similar Description - SP3040R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP30150R SECOS-SP30150R Datasheet
232Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SR3020R SECOS-SR3020R Datasheet
207Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SR30150R SECOS-SR30150R Datasheet
145Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SR30200 SECOS-SR30200 Datasheet
209Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3040RF SECOS-SBR3040RF_10 Datasheet
558Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3045RF SECOS-SBR3045RF Datasheet
792Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3060RF SECOS-SBR3060RF_10 Datasheet
594Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR30150R SECOS-SBR30150R_09 Datasheet
396Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3040RF SECOS-SBR3040RF_15 Datasheet
558Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3045RF SECOS-SBR3045RF_15 Datasheet
792Kb / 2P
30.0AMP Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com