Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP10150 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SP10150 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SP10150
Download  SP10150 Download
File Size   62.57 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 10.0 Amp Schottky Barrier Rectifiers

SP10150 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP10150 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SP10150
Download  SP10150 Click to download

File Size   62.57 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 10.0 Amp Schottky Barrier Rectifiers

SP10150 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SP10150 Product details

FEATURES

Low forward voltage drop

High current capability

High reliability

High surge current capability

Epitaxial construction



MECHANICAL DATA

Case: Molded plastic

Epoxy: UL94V-0 rate flame retardant

Lead: Lead solderable per MIL-STD-202 method 208 guaranteed

Polarity: As Marked

Mounting position: Any

Weight: 1.98 grams (approximate)




Similar Part No. - SP10150

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP10150 SECOS-SP10150 Datasheet
145Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SP10150 JINGHENG-SP10150 Datasheet
495Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SP10150 SHUNYE-SP10150 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
PACELEADER INDUSTRIAL
SP10150C PACELEADER-SP10150C Datasheet
446Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Gaomi Xinghe Electronic...
SP10150L GXELECTRONICS-SP10150L Datasheet
572Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SP10150

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SR1020 UNIOHM-SR1020 Datasheet
71Kb / 2P
10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP10100 SECOS-SP10100_10 Datasheet
495Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
MBR10100 SECOS-MBR10100_15 Datasheet
144Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
MBR10150F SECOS-MBR10150F_15 Datasheet
85Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_15 Datasheet
251Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SBR10250F SECOS-SBR10250F_15 Datasheet
160Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SK1045CL SECOS-SK1045CL_15 Datasheet
206Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1_15 Datasheet
210Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SRF1040-40V-ITO-220AC DGNJDZ-SRF1040-40V-ITO-220AC Datasheet
202Kb / 2P
10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM1045DS1 SECOS-SM1045DS1 Datasheet
335Kb / 2P
10.0 Amp. Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com