Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR260S Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SR260S Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SR260S
Download  SR260S Download
File Size   134.21 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 2.0 AMP Schottky Barrier Rectifiers

SR260S Datasheet (PDF)

Go To PDF Page Download Datasheet
SR260S Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SR260S
Download  SR260S Click to download

File Size   134.21 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 2.0 AMP Schottky Barrier Rectifiers

SR260S Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SR260S Product details

VOLTAGE 20V ~ 100V

FEATURES
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• Epitaxial construction

MECHANICAL DATA
• Case: Molded plastic
• Epoxy: UL 94V-0 rate flame retardant
• Lead: Axial Lead, solderable per MIL-STD-202,
             method 208 guaranteed
• Polarity: Color band denotes cathode end
• Mounting position: Any
• Weight: 0.34 grams




Similar Part No. - SR260S

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL-DO-15 JINANJINGHENG-SR260SL-DO-15 Datasheet
61Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SR260S

ManufacturerPart #DatasheetDescription
logo
Bytes
SR220 BYTES-SR220 Datasheet
153Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
SR220 FCI-SR220 Datasheet
132Kb / 2P
2.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SR220 UNIOHM-SR220 Datasheet
65Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SR220 GWSEMI-SR220 Datasheet
63Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR2150 GWSEMI-SR2150 Datasheet
63Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM2200A SECOS-SM2200A_15 Datasheet
249Kb / 2P
2.0 Amp Schottky Barrier Rectifiers
SR2200 SECOS-SR2200_15 Datasheet
303Kb / 2P
2.0 Amp Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SB220 DYELEC-SB220 Datasheet
943Kb / 2P
2.0 AMP. Schottky Barrier Rectifiers
SB220U DYELEC-SB220U Datasheet
997Kb / 2P
2.0 AMP. Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
SS210L YIXIN-SS210L Datasheet
265Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com