Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSCLM393 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SSCLM393 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SSCLM393
Download  SSCLM393 Download
File Size   575.99 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Dual Differential Comparator

SSCLM393 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSCLM393 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SSCLM393
Download  SSCLM393 Click to download

File Size   575.99 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Dual Differential Comparator

SSCLM393 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SSCLM393 Product details

DESCRIPTION

The SSCLM393 consists of two independent voltage comparators, designed specifically to operate from a single power over a wide voltage range.



FEATURES

Output compatible with TTL, DTL, and CMOS logic system.

Single or dual supply operation.

Wide operating supply range (VCC=2V~36V or ±1 to ±18V).

Input common-mode voltage includes ground.

Low supply current drain ICC =0.8mA (Typ).

Low input bias current IBIAS=25nA (Typ)




Similar Part No. - SSCLM393

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSCL ALPS-SSCL Datasheet
1Mb / 3P
Two-way Detection Type with Female Connector Terminal
SSCL110101 ALPS-SSCL110101 Datasheet
1Mb / 3P
Two-way Detection Type with Female Connector Terminal
More results


Similar Description - SSCLM393

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
Dual Differential Comparator
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
DUAL DIFFERENTIAL COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com