Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH206 Datasheet (PDF) - Cadeka Microcircuits LLC.

KH206 Datasheet PDF - Cadeka Microcircuits LLC.
Part # KH206
Download  KH206 Download
File Size   415.05 Kbytes
Page   5 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Overdrive-Protected Wideband Op Amp

KH206 Datasheet (PDF)

Go To PDF Page Download Datasheet
KH206 Datasheet PDF - Cadeka Microcircuits LLC.

Part # KH206
Download  KH206 Click to download

File Size   415.05 Kbytes
Page   5 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Overdrive-Protected Wideband Op Amp

KH206 Datasheet (HTML) - Cadeka Microcircuits LLC.


KH206 Product details

General Description
The KH206 is a wideband, overdrive-protected operational amplifier designed for applications needing both speed and high drive capability (100mA). Utilizing a well-established current feedback architecture, the KH206 exhibits performance far beyond that of conventional voltage feedback op amps. For example, the KH206 has a bandwidth of 180MHz at a gain of +20 and settles to 0.1% in 19ns. Plus, the KH206 has a combination of important features not found in other high-speed op amps.

Features
■ -3dB bandwidth of 180MHz
■ 70MHz large signal bandwidth (20Vpp)
■ 0.1% settling in 19ns
■ Overdrive protected
■ Output may be current limited
■ Stable without compensation
■ 3MΩ input impedance
■ Direct replacement for CLC206

Applications
■ Fast, precision A/D conversion
■ Automatic test equipment
■ Input/output amplifiers
■ Photodiode, CCD preamps
■ High-speed modems, radios
■ Line drivers




Similar Part No. - KH206

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH206 FAIRCHILD-KH206 Datasheet
350Kb / 5P
Overdrive-Protected Wideband Op Amp
logo
List of Unclassifed Man...
KH206-8 ETC-KH206-8 Datasheet
618Kb / 4P
Power Wirewound Resistor | Axial | Fiber glass core | ceramic case
More results


Similar Description - KH206

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC206 NSC-CLC206 Datasheet
362Kb / 6P
Overdrive-Protected Wideband Op Amp
logo
Fairchild Semiconductor
KH206 FAIRCHILD-KH206 Datasheet
350Kb / 5P
Overdrive-Protected Wideband Op Amp
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
Fast Settling Wideband Op Amp
KH205 FAIRCHILD-KH205 Datasheet
125Kb / 7P
Overdrive-Protected Wideband Op Amp
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH205 CADEKA-KH205 Datasheet
264Kb / 7P
Overdrive-Protected Wideband Op Amp
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
Low Distortion Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840_15 Datasheet
420Kb / 8P
Wideband, Fast Settling Op Amp
REV. C
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
Dual Wideband Video Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com