Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR510 Datasheet (PDF) - Lumins Inc.

SR510 Datasheet PDF - Lumins Inc.
Part # SR510
Download  SR510 Download
File Size   298.61 Kbytes
Page   4 Pages
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.
Description Ceiling surface mounting

SR510 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR510 Datasheet PDF - Lumins Inc.

Part # SR510
Download  SR510 Click to download

File Size   298.61 Kbytes
Page   4 Pages
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.
Description Ceiling surface mounting

SR510 Datasheet (HTML) - Lumins Inc.


SR510 Product details

Specification (SR510, SR540)

All exposed cast aluminum components are made of non corrosive pure aluminum copper free (Aluminum is less than .1% copper content.#356 alloy.)

   Finish: All polyester powder baked coatings preceded with

   a 5 baths preparation process. Meets military grade

   MIL-C781706 with a 2000 hours salt spray test.



- Pulse rated porcelain socket or 75W/600V thermoplastic compact fluorescent socket.

- One-piece molded silicone gasket with memory retention.

- High power factor CWA ballast. Or 98% P.F.electronic smart ballast with end of life detection for compact fluorescent.

- All stainless steel hardware.

- All Moving and removable parts are sealed with a memory retention silicone gasket.



1- Cast aluminum modular ballast housing.

2- One piece cast aluminum star ribbed cage

3- Thermal shock and heat resistant borosilicate frosted heavy glass diffuser, with a prismatic linear inner glass structure.

SR540: Slotted aluminum luminaire hood.



 




Similar Part No. - SR510

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR510 MOSPEC-SR510 Datasheet
226Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
logo
Jinan Gude Electronic D...
SR510 JGD-SR510 Datasheet
147Kb / 2P
5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR510 TSC-SR510 Datasheet
63Kb / 2P
5.0 AMPS. Schottky Barrier Rectifiers
SR510 TSC-SR510 Datasheet
256Kb / 2P
5.0 AMPS. Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SR510 MIC-SR510 Datasheet
59Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SR510

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
NT100C LUMINIS-NT100C Datasheet
110Kb / 2P
Ceiling surface mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR400C LUMINIS-SR400C Datasheet
306Kb / 4P
Ceiling surface mounting
SR400CD LUMINIS-SR400CD Datasheet
306Kb / 4P
Ceiling surface mounting
SR400SD LUMINIS-SR400SD Datasheet
307Kb / 4P
Ceiling surface mounting
SR500 LUMINIS-SR500 Datasheet
301Kb / 4P
Ceiling surface mounting
SR560 LUMINIS-SR560 Datasheet
298Kb / 4P
Ceiling surface mounting
SR600 LUMINIS-SR600 Datasheet
299Kb / 4P
Ceiling surface mounting
SY610 LUMINIS-SY610 Datasheet
349Kb / 2P
Cast aluminum ventilated top cover with ceiling mounting plate.
logo
Laird Tech Smart Techno...
SL8244P12NF LSTD-SL8244P12NF Datasheet
351Kb / 1P
Easy mounting to all ceiling surfaces
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com