Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L74VHC1G09 Datasheet (PDF) - Leshan Radio Company

L74VHC1G09 Datasheet PDF - Leshan Radio Company
Part # L74VHC1G09
Download  L74VHC1G09 Download
File Size   221.96 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 2-Input AND Gate with Open Drain Output

L74VHC1G09 Datasheet (PDF)

Go To PDF Page Download Datasheet
L74VHC1G09 Datasheet PDF - Leshan Radio Company

Part # L74VHC1G09
Download  L74VHC1G09 Click to download

File Size   221.96 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 2-Input AND Gate with Open Drain Output

L74VHC1G09 Datasheet (HTML) - Leshan Radio Company


L74VHC1G09 Product details

2-Input AND Gate with Open Drain Output

The L74VHC1G09 is an advanced high speed CMOS 2–input AND gate with open drain output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including an open drain output which provides the capability to set output switching level. This allows the LMC74VHC1G09 to be used to interface 5 V circuits to circuits of any voltage between V CC and 7 V using an external resistor and power supply.
The L74VHC1G09 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage.

• High Speed: t PD = 4.3 ns (Typ) at V CC = 5 V
• Low Internal Power Dissipation: I CC = 2 mA (Max) at T A= 25°C
• Power Down Protection Provided on Inputs
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 62; Equivalent Gates = 16




Similar Part No. - L74VHC1G09

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1G00 LRC-L74VHC1G00 Datasheet
183Kb / 6P
2?밒nput NAND Gate
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
2-Input NAND Gate with Open Drain Output
L74VHC1G02 LRC-L74VHC1G02 Datasheet
182Kb / 6P
2-Input NOR Gate
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
2-Input NAND Gate with Open Drain Output
L74VHC1G04 LRC-L74VHC1G04 Datasheet
180Kb / 6P
Inverter
More results


Similar Description - L74VHC1G09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
195Kb / 8P
2-Input AND Gate with Open Drain Output
October, 1999 ??Rev. 0.0
logo
NXP Semiconductors
74AHC1G09 PHILIPS-74AHC1G09 Datasheet
65Kb / 11P
2-input AND gate with open-drain output
Rev. 01-26 September 2005
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
2-Input AND Gate with Open Drain Output
logo
NXP Semiconductors
74AHC1G09 NXP-74AHC1G09 Datasheet
74Kb / 10P
2-input AND gate with open-drain output
Rev. 02-18 December 2007
logo
Unisonic Technologies
U74AHC1G09 UTC-U74AHC1G09 Datasheet
174Kb / 5P
2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
U74AHC1G09 UTC-U74AHC1G09_15 Datasheet
170Kb / 5P
2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09_13 Datasheet
132Kb / 6P
2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
MC74VHC1G09 ONSEMI-MC74VHC1G09_V01 Datasheet
165Kb / 14P
2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
logo
Nexperia B.V. All right...
74AHC1G09-Q100 NEXPERIA-74AHC1G09-Q100 Datasheet
203Kb / 10P
2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
74AHC1G09 NEXPERIA-74AHC1G09 Datasheet
204Kb / 10P
2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com