Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L74VHC1G14 Datasheet (PDF) - Leshan Radio Company

L74VHC1G14 Datasheet PDF - Leshan Radio Company
Part # L74VHC1G14
Download  L74VHC1G14 Download
File Size   211.45 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schmitt-Trigger Inverter

L74VHC1G14 Datasheet (PDF)

Go To PDF Page Download Datasheet
L74VHC1G14 Datasheet PDF - Leshan Radio Company

Part # L74VHC1G14
Download  L74VHC1G14 Click to download

File Size   211.45 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schmitt-Trigger Inverter

L74VHC1G14 Datasheet (HTML) - Leshan Radio Company


L74VHC1G14 Product details

Schmitt-Trigger Inverter

The L74VHC1G14 is a single gate CMOS Schmitt–trigger inverter fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The L74VHC1G14 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the L74VHC1G14 to be used to interface 5 V circuits to 3 V circuits.
The L74VHC1G14 can be used to enhance noise immunity or to square up slowly changing waveforms.

• High Speed: t PD = 4.0 ns (Typ) at V CC= 5 V
• Low Power Dissipation: I CC = 2 mA (Max) at T A= 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 101; Equivalent Gates = 25




Similar Part No. - L74VHC1G14

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1G125 LRC-L74VHC1G125 Datasheet
558Kb / 6P
Noninverting 3−State Buffer
L74VHC1G132 LRC-L74VHC1G132 Datasheet
179Kb / 6P
2?묲nput NAND Schmitt Trigger
L74VHC1G135 LRC-L74VHC1G135 Datasheet
221Kb / 6P
2-Input NANDSchmitt-Trigger with Open Drain Output
More results


Similar Description - L74VHC1G14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
ON Semiconductor
MC74HC14A ONSEMI-MC74HC14A Datasheet
138Kb / 8P
Hex Schmitt-Trigger Inverter
March, 2000 ??Rev. 8
MC74VHC1G14 ONSEMI-MC74VHC1G14 Datasheet
182Kb / 8P
Schmitt-Trigger Inverter
November, 1999 ??Rev. 1
logo
E-Tech Electronics LTD
MC74VHC1G14 ETL-MC74VHC1G14 Datasheet
571Kb / 4P
Schmitt-Trigger Inverter
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
DUAL SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LV14 KODENSHI-KK74LV14 Datasheet
310Kb / 6P
Hex Schmitt-Trigger Inverter
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
SINGLE SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74AHCT3G14 UTC-U74AHCT3G14 Datasheet
186Kb / 4P
SCHMITT-TRIGGER INVERTER
U74AHCT3G14 UTC-U74AHCT3G14_15 Datasheet
186Kb / 4P
SCHMITT-TRIGGER INVERTER
logo
First Silicon Co., Ltd
FC74VHC1G14 FS-FC74VHC1G14 Datasheet
399Kb / 4P
Schmitt-Trigger Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com