Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L74VHC1G50 Datasheet (PDF) - Leshan Radio Company

L74VHC1G50 Datasheet PDF - Leshan Radio Company
Part # L74VHC1G50
Download  L74VHC1G50 Download
File Size   434.99 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Noninverting Buffer / CMOS Logic Level Shifter

L74VHC1G50 Datasheet (PDF)

Go To PDF Page Download Datasheet
L74VHC1G50 Datasheet PDF - Leshan Radio Company

Part # L74VHC1G50
Download  L74VHC1G50 Click to download

File Size   434.99 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Noninverting Buffer / CMOS Logic Level Shifter

L74VHC1G50 Datasheet (HTML) - Leshan Radio Company


L74VHC1G50 Product details

Noninverting Buffer / CMOS Logic Level Shifter

The L74VHC1G50 is a single gate noninverting buffer fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output.
The L74VHC1G50 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the L74VHC1G50 to be used to interface 5 V circuits to 3 V circuits.

• High Speed: t PD = 3.5 ns (Typ) at V CC = 5 V
• Low Power Dissipation: I CC= 2 mA (Max) at T A= 25°C
• TTL–Compatible Inputs: V IL= 0.8 V; V IH = 2.0 V
• CMOS–Compatible Outputs: V OH > 0.8 V CC ; V OL < 0.1 V CC @Load
• Power Down Protection Provided on Inputs and Outputs
• Balanced Propagation Delays
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 104; Equivalent Gates = 26




Similar Part No. - L74VHC1G50

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1G00 LRC-L74VHC1G00 Datasheet
183Kb / 6P
2?밒nput NAND Gate
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
2-Input NAND Gate with Open Drain Output
L74VHC1G02 LRC-L74VHC1G02 Datasheet
182Kb / 6P
2-Input NOR Gate
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
2-Input NAND Gate with Open Drain Output
L74VHC1G04 LRC-L74VHC1G04 Datasheet
180Kb / 6P
Inverter
More results


Similar Description - L74VHC1G50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50 Datasheet
84Kb / 8P
Noninverting Buffer / CMOS Logic Level Shifter
March, 2003 - Rev. 11
logo
Leshan Radio Company
L74VHC1GT50 LRC-L74VHC1GT50 Datasheet
417Kb / 6P
Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_11 Datasheet
118Kb / 6P
Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 14
MC74VHCT50A ONSEMI-MC74VHCT50A_11 Datasheet
132Kb / 7P
Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 7
MC74VHC1GT126 ONSEMI-MC74VHC1GT126 Datasheet
134Kb / 6P
Noninverting Buffer CMOS Logic Level Shifter
May, 2012 ??Rev. 15
MC74VHC1GT125DF1G ONSEMI-MC74VHC1GT125DF1G Datasheet
138Kb / 6P
Noninverting Buffer CMOS Logic Level Shifter
September, 2012 ??Rev. 14
MC74VHC1GT50DTT1G ONSEMI-MC74VHC1GT50DTT1G Datasheet
128Kb / 6P
Noninverting Buffer / CMOS Logic Level Shifter
February, 2013 ??Rev. 15
NL17SHT126 ONSEMI-NL17SHT126 Datasheet
108Kb / 5P
Noninverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_15 Datasheet
83Kb / 6P
Noninverting Buffer CMOS Logic Level Shifter
October, 2015 ??Rev. 16
logo
First Silicon Co., Ltd
FC74VHC1G50 FS-FC74VHC1G50 Datasheet
398Kb / 4P
Noninverting Buffer / CMOS Logic Level Shifter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com