Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L74VHC1G66 Datasheet (PDF) - Leshan Radio Company

L74VHC1G66 Datasheet PDF - Leshan Radio Company
Part # L74VHC1G66
Download  L74VHC1G66 Download
File Size   268.47 Kbytes
Page   8 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Single Supply Analog Switch

L74VHC1G66 Datasheet (PDF)

Go To PDF Page Download Datasheet
L74VHC1G66 Datasheet PDF - Leshan Radio Company

Part # L74VHC1G66
Download  L74VHC1G66 Click to download

File Size   268.47 Kbytes
Page   8 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Single Supply Analog Switch

L74VHC1G66 Datasheet (HTML) - Leshan Radio Company


L74VHC1G66 Product details

Single Supply Analog Switch

The L74VHC1G66 is an advanced high speed CMOS bilateral analog switch fabricated with silicon gate CMOS technology. Itachieves high speed propagation delays and low ON resistances while maintaining low power dissipation.This bilateral switch controls analog and digital voltages that may vary across the full power–supply range (from VCC to GND).
The L74VHC1G66 is compatible in function to a single gate of the High Speed CMOS L74VHC4066.The device has been designed so the ON resistances (RON ) are lower and more linear over input voltage.
The ON/OFF control inputs are compatible with standard CMOSoutputs. The ON/OFF control input structure provides protection when voltages between 0 V and 5.5 V are applied, regardless of the supply voltage. This input structure helps prevent device destruction caused by supply voltage – input/output voltage mismatch, battery backup, hot insertion, etc.

• High Speed: tPD = 20 ns (Typ) at VCC = 5.0 V
• Low Power Dissipation: ICC = 1 A (Max) at TA = 25°C
• Diode Protection Provided on Inputs and Outputs
• Improved Linearity and Lower ON Resistance over Input Voltage




Similar Part No. - L74VHC1G66

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1G00 LRC-L74VHC1G00 Datasheet
183Kb / 6P
2?밒nput NAND Gate
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
2-Input NAND Gate with Open Drain Output
L74VHC1G02 LRC-L74VHC1G02 Datasheet
182Kb / 6P
2-Input NOR Gate
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
2-Input NAND Gate with Open Drain Output
L74VHC1G04 LRC-L74VHC1G04 Datasheet
180Kb / 6P
Inverter
More results


Similar Description - L74VHC1G66

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43210 INTERSIL-ISL43210_07 Datasheet
304Kb / 12P
Low-Voltage, Single Supply, Single SPDT Analog Switch
October 30, 2007
ISL43210A INTERSIL-ISL43210A Datasheet
556Kb / 12P
Medium-Voltage, Single Supply, Single SPDT Analog Switch
June 24, 2011
logo
Xicor Inc.
ISL76123 XICOR-ISL76123 Datasheet
449Kb / 12P
Automotive Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL76123 INTERSIL-ISL76123 Datasheet
449Kb / 12P
Automotive Single Supply, SPDT Analog Switch
September 28, 2012
ISL43210AIHZ-T INTERSIL-ISL43210AIHZ-T Datasheet
554Kb / 12P
Medium-Voltage, Single Supply, Single SPDT Analog Switch
June 24, 2011
ISL76123AHZ-T INTERSIL-ISL76123AHZ-T Datasheet
411Kb / 12P
Automotive Single Supply, SPDT Analog Switch
August 15, 2014
logo
Renesas Technology Corp
ISL43210 RENESAS-ISL43210 Datasheet
625Kb / 12P
Low-Voltage, Single Supply, Single SPDT Analog Switch
ISL43210A RENESAS-ISL43210A Datasheet
655Kb / 12P
Medium-Voltage, Single Supply, Single SPDT Analog Switch
ISL76123 RENESAS-ISL76123 Datasheet
645Kb / 12P
Automotive Single Supply, SPDT Analog Switch
logo
ON Semiconductor
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com