Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L74VHC1GT02 Datasheet (PDF) - Leshan Radio Company

L74VHC1GT02 Datasheet PDF - Leshan Radio Company
Part # L74VHC1GT02
Download  L74VHC1GT02 Download
File Size   206.02 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 2-Input NOR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs

L74VHC1GT02 Datasheet (PDF)

Go To PDF Page Download Datasheet
L74VHC1GT02 Datasheet PDF - Leshan Radio Company

Part # L74VHC1GT02
Download  L74VHC1GT02 Click to download

File Size   206.02 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 2-Input NOR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs

L74VHC1GT02 Datasheet (HTML) - Leshan Radio Company


L74VHC1GT02 Product details

2-Input NOR Gate / CMOS Logic Level Shifter with LSTTL–Compatible Inputs

The L74VHC1GT02 is a single gate 2–input NOR fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output.
The device input is compatible with TTL–type input thresholds and the output has a full 5.0 V CMOS level output swing. The input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic–level translator from 3.0 V CMOS logic to 5.0 V CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while operating at the high–voltage power supply.
The L74VHC1GT02 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the L74VHC1GT02 to be used to interface 5 V circuits to 3 V circuits. The output structures also provide protection when V CC = 0 V. These input and output structures help prevent device destruction caused by supply voltage – input/output voltage mismatch, battery backup, hot insertion, etc.

• High Speed: tPD = 4.7 ns (Typ) at VCC = 5 V
• Low Power Dissipation: ICC = 2 mA (Max) at TA = 25°C
• TTL–Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V
• CMOS–Compatible Outputs: VOH > 0.8 VCC ; VOL < 0. 1 VCC @Load
• Power Down Protection Provided on Inputs and Outputs
• Balanced Propagation Delays
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 65; Equivalent Gates = 14




Similar Part No. - L74VHC1GT02

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GT00 LRC-L74VHC1GT00 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT1 LRC-L74VHC1GT00DFT1 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT4 LRC-L74VHC1GT00DFT4 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT1 LRC-L74VHC1GT00DTT1 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT3 LRC-L74VHC1GT00DTT3 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
More results


Similar Description - L74VHC1GT02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02 Datasheet
188Kb / 8P
2-Input NOR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
MC74VHCT50A ONSEMI-MC74VHCT50A Datasheet
76Kb / 8P
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
July, 2001??Rev. 3
logo
E-Tech Electronics LTD
MC74VHC1GT00 ETL-MC74VHC1GT00 Datasheet
577Kb / 4P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
MC74VHC1GT02 ETL-MC74VHC1GT02 Datasheet
558Kb / 4P
2-Input NOR Gate / CMOS Logic Level Shifter
MC74VHC1GT50 ETL-MC74VHC1GT50 Datasheet
575Kb / 4P
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
MC74VHC1GT86 ETL-MC74VHC1GT86 Datasheet
578Kb / 4P
2-Input Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02_07 Datasheet
73Kb / 6P
Single 2?묲nput NOR Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
logo
Renesas Technology Corp
HD74LV1GT02A RENESAS-HD74LV1GT02A Datasheet
102Kb / 7P
2-input NOR Gate / CMOS Logic Level Shifter
logo
Leshan Radio Company
L74VHC1GT00 LRC-L74VHC1GT00 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT04 LRC-L74VHC1GT04 Datasheet
372Kb / 6P
Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com