Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L74VHC1GT14 Datasheet (PDF) - Leshan Radio Company

L74VHC1GT14 Datasheet PDF - Leshan Radio Company
Part # L74VHC1GT14
Download  L74VHC1GT14 Download
File Size   332.1 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs

L74VHC1GT14 Datasheet (PDF)

Go To PDF Page Download Datasheet
L74VHC1GT14 Datasheet PDF - Leshan Radio Company

Part # L74VHC1GT14
Download  L74VHC1GT14 Click to download

File Size   332.1 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs

L74VHC1GT14 Datasheet (HTML) - Leshan Radio Company


L74VHC1GT14 Product details

Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL–Compatible Inputs

The L74VHC1GT14 is a single gate CMOS Schmitt–trigger inverter fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output.
The device input is compatible with TTL–type input thresholds and the output has a full 5 V CMOS level output swing. The input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic–level translator from 3.0 V CMOS logic to 5.0 V CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while operating at the high–voltage power supply.
The L74VHC1GT14 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the L74VHC1GT14 to be used to interface 5 V circuits to 3 V circuits. The output structures also provide protection when V CC = 0 V. These input and output structures help prevent device destruction caused by supply voltage – input/output voltage mismatch, battery backup, hot insertion, etc. The LMC74VHC1GT14 can be used to enhance noise immunity or to square up slowly changing waveforms.

• High Speed: t PD = 4.5 ns (Typ) at V CC = 5 V
• Low Power Dissipation: I CC= 2 mA (Max) at T A= 25°C
• TTL–Compatible Inputs: V IL= 0.8 V; V IH = 2.0 V
• CMOS–Compatible Outputs: V OH > 0.8 V CC ; V OL < 0.1 V CC @ Load
• Power Down Protection Provided on Inputs and Outputs
• Balanced Propagation Delays
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 100; Equivalent Gates = 25




Similar Part No. - L74VHC1GT14

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GT00 LRC-L74VHC1GT00 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT1 LRC-L74VHC1GT00DFT1 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT4 LRC-L74VHC1GT00DFT4 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT1 LRC-L74VHC1GT00DTT1 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT3 LRC-L74VHC1GT00DTT3 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
More results


Similar Description - L74VHC1GT14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT14A ONSEMI-MC74HCT14A Datasheet
140Kb / 8P
Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
March, 2000 ??Rev. 7
MC74VHC1GT14 ONSEMI-MC74VHC1GT14 Datasheet
186Kb / 8P
Schmitt-Trigger Inverter/CMOS Logic Level Shifter
November, 1999 ??Rev. 1
MC74VHCT50A ONSEMI-MC74VHCT50A Datasheet
76Kb / 8P
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
July, 2001??Rev. 3
logo
E-Tech Electronics LTD
MC74VHC1GT14 ETL-MC74VHC1GT14 Datasheet
577Kb / 4P
Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
MC74VHC1GT50 ETL-MC74VHC1GT50 Datasheet
575Kb / 4P
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A Datasheet
103Kb / 7P
Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
logo
ON Semiconductor
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
101Kb / 8P
Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
148Kb / 9P
Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_15 Datasheet
82Kb / 6P
Schmitt-Trigger Inverter / CMOS Logic Level Shifter
March, 2015 ??Rev. 14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com