Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z180 Datasheet (PDF) - SEMTECH ELECTRONICS LTD.

Z180 Datasheet PDF - SEMTECH ELECTRONICS LTD.
Part # Z180
Download  Z180 Download
File Size   217.32 Kbytes
Page   3 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description SILICON PLANAR ZENER DIODES

Z180 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z180 Datasheet PDF - SEMTECH ELECTRONICS LTD.

Part # Z180
Download  Z180 Click to download

File Size   217.32 Kbytes
Page   3 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description SILICON PLANAR ZENER DIODES

Z180 Datasheet (HTML) - SEMTECH ELECTRONICS LTD.


Z180 Product details

Voltage Range: 100 to 330V Current: 0.5A



Standard Zener voltage tolerance is ±10%. Add Suffix “B” for ±5% tolerance. Other tolerances are available upon request.



Mechanical Data

• Case: DO-41 molded plastic

• Terminals: Plated axial leads, solderable per MIL-STD202E, method 208C

• Mounting Position: Any




Similar Part No. - Z180

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
Z180 RECTRON-Z180 Datasheet
17Kb / 2P
ZENER SILICON RETIFIER
logo
Formosa MS
Z180 FORMOSA-Z180 Datasheet
54Kb / 2P
1WATT ZENER DIODE
logo
Baumer IVO GmbH & Co. K...
Z180 IVO-Z180 Datasheet
186Kb / 1P
Accessories & Service
logo
New Jersey Semi-Conduct...
Z180 NJSEMI-Z180 Datasheet
94Kb / 1P
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMAHILITY CLASSIFICATION 94V-0
logo
Baumer IVO GmbH & Co. K...
Z180.003 IVO-Z180.003 Datasheet
186Kb / 1P
Accessories & Service
More results


Similar Description - Z180

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results




About SEMTECH ELECTRONICS LTD.


Semtech Corporation is an American technology company that specializes in the design and manufacture of analog and mixed-signal semiconductors.

The company was founded in 1960 and has its headquarters in Camarillo, California.

Semtech provides a wide range of products for use in communications, computing, industrial, and consumer applications.

The company is known for its innovative technology and high-quality products, and it has a strong reputation in the semiconductor industry.

Semtech operates globally and has a presence in many countries around the world, serving customers in a variety of industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com