Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4001 Datasheet (PDF) - SEMTECH ELECTRONICS LTD.

LL4001 Datasheet PDF - SEMTECH ELECTRONICS LTD.
Part # LL4001
Download  LL4001 Download
File Size   205.99 Kbytes
Page   2 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description SURFACE MOUNT SILICON RECTIFIERS

LL4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
LL4001 Datasheet PDF - SEMTECH ELECTRONICS LTD.

Part # LL4001
Download  LL4001 Click to download

File Size   205.99 Kbytes
Page   2 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description SURFACE MOUNT SILICON RECTIFIERS

LL4001 Datasheet (HTML) - SEMTECH ELECTRONICS LTD.


LL4001 Product details

Voltage Range - 50 to 1000 V

Forward Current - 1 A



Features

• Low cost

• Ideal for surface mounted applications

• Low leakage current



Mechanical data

• Case: MELF (DO-213AB) molded plastic body

• Mounting position: any




Similar Part No. - LL4001

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL4001 SEMTECH-LL4001 Datasheet
44Kb / 1P
Silicon Rectifiers
logo
DAESAN ELECTRONIC CORP.
LL4001 DAESAN-LL4001 Datasheet
273Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Yangzhou yangjie electr...
LL4001 YANGJIE-LL4001 Datasheet
133Kb / 2P
General Purpose Rectifier
logo
DAESAN ELECTRONIC CORP.
LL4001 DAESAN-LL4001 Datasheet
486Kb / 2P
STANDARD RECTIFIER
logo
List of Unclassifed Man...
LL4001G ETC-LL4001G Datasheet
52Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
More results


Similar Description - LL4001

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
S3A WEITRON-S3A Datasheet
185Kb / 3P
Surface Mount Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
LM4001 SEMTECH_ELEC-LM4001 Datasheet
280Kb / 2P
SURFACE MOUNT SILICON RECTIFIERS
logo
Frontier Electronics.
S07A-LFR FRONTIER-S07A-LFR Datasheet
120Kb / 2P
SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A_15 Datasheet
379Kb / 2P
1.0Amp Surface Mount Silicon Rectifiers
logo
Central Semiconductor C...
CMSH1-40HE CENTRAL-CMSH1-40HE_15 Datasheet
301Kb / 3P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH3-20 CENTRAL-CMSH3-20_15 Datasheet
338Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH5-100HV CENTRAL-CMSH5-100HV_15 Datasheet
453Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CS223-2M CENTRAL-CS223-2M Datasheet
285Kb / 3P
SURFACE MOUNT SILICON CONTROLLED RECTIFIERS
logo
Galaxy Semi-Conductor H...
S2DF BILIN-S2DF Datasheet
449Kb / 4P
Surface Mount Silicon Rectifiers
Rev.B
logo
MIC GROUP RECTIFIERS
G2AF MIC-G2AF Datasheet
85Kb / 3P
SURFACE MOUNT SILICON RECTIFIERS
More results




About SEMTECH ELECTRONICS LTD.


Semtech Corporation is an American technology company that specializes in the design and manufacture of analog and mixed-signal semiconductors.

The company was founded in 1960 and has its headquarters in Camarillo, California.

Semtech provides a wide range of products for use in communications, computing, industrial, and consumer applications.

The company is known for its innovative technology and high-quality products, and it has a strong reputation in the semiconductor industry.

Semtech operates globally and has a presence in many countries around the world, serving customers in a variety of industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com