Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMIS-30522 Datasheet (PDF) - ON Semiconductor

AMIS-30522 Datasheet PDF - ON Semiconductor
Part # AMIS-30522
Download  AMIS-30522 Download
File Size   982.02 Kbytes
Page   29 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Micro-Stepping Motor Driver

AMIS-30522 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMIS-30522 Datasheet PDF - ON Semiconductor

Part # AMIS-30522
Download  AMIS-30522 Click to download

File Size   982.02 Kbytes
Page   29 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Micro-Stepping Motor Driver

AMIS-30522 Datasheet (HTML) - ON Semiconductor


AMIS-30522 Product details

Introduction
The AMIS−30522/NCV70522 is a micro−stepping stepper motor driver for bipolar stepper motors. The chip is connected through I/O pins and a SPI interface with an external microcontroller. The AMIS−30522/NCV70522 contains a current−translation table. It takes the next micro−step depending on the clock signal on the “NXT” input pin and the status of the “DIR” (= direction) register or input pin. The chip provides a so−called “Speed and Load Angle” output. This allows the creation of stall detection algorithms and control loops based on load−angle to adjust torque and speed. It is using a proprietary PWM algorithm for reliable current control.

Features
• Dual H−Bridge for 2 Phase Stepper Motors
• Programmable Peak−Current up to 1.2 A Continuous (1.5 A Short
   Time), Using a 5−Bit Current DAC
• On−Chip Current Translator
• SPI Interface
• Speed and Load−Angle Output
• 7 Step Modes from Full−Step up to 32 Micro−Steps
• Fully Integrated Current−Sense
• PWM Current Control with Automatic Selection of Fast and Slow
   Decay
• Low EMC PWM with Selectable Voltage Slopes
• Active Fly−back Diodes
• Full Output Protection and Diagnosis
• Thermal Warning and Shutdown
• Digital IO’s Compatible with 5 V and 3.3 V Microcontrollers
• Integrated 5 V Voltage Regulator to Supply an External
   Microcontroller
• Integrated Reset Function to Reset External Microcontroller
• Integrated Watchdog Function
• NCV Prefix for Automotive and Other Applications Requiring Site
   and Control Changes
• These are Pb−Free Devices*




Similar Part No. - AMIS-30522

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-30522 AMI-AMIS-30522 Datasheet
1Mb / 28P
Micro-stepping Motor Driver
logo
ON Semiconductor
AMIS-30522 ONSEMI-AMIS-30522 Datasheet
341Kb / 29P
Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
logo
AMI SEMICONDUCTOR
AMIS-30522ANA AMI-AMIS-30522ANA Datasheet
1Mb / 28P
Micro-stepping Motor Driver
More results


Similar Description - AMIS-30522

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
AMIS-30521 ONSEMI-AMIS-30521 Datasheet
292Kb / 28P
Micro-Stepping Motor Driver
May, 2009 ??Rev. 1
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
NCV70514 ONSEMI-NCV70514 Datasheet
318Kb / 31P
Micro-stepping Motor Driver
September, 2015 ??Rev. 2
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
Micro-stepping Motor Driver
August, 2015 ??Rev. 0
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
Micro-stepping Motor Driver
December, 2017 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com