Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LESD7D5.0T5G Datasheet (PDF) - Leshan Radio Company

LESD7D5.0T5G Datasheet PDF - Leshan Radio Company
Part # LESD7D5.0T5G
Download  LESD7D5.0T5G Download
File Size   499.96 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description ESD PROTECTION DIODE

LESD7D5.0T5G Datasheet (PDF)

Go To PDF Page Download Datasheet
LESD7D5.0T5G Datasheet PDF - Leshan Radio Company

Part # LESD7D5.0T5G
Download  LESD7D5.0T5G Click to download

File Size   499.96 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description ESD PROTECTION DIODE

LESD7D5.0T5G Datasheet (HTML) - Leshan Radio Company


LESD7D5.0T5G Product details

Description
The LESD7D3.3T5G is designed to protect voltage sensitive components from ESD. Excellent clamping capability, low leakage, and fast response time provide best in class protection on designs that are exposed to ESD. Because of its small size, it is suited for use in cellular phones, MP3 players, digital cameras and many other portable applications where board space is at a premium. 

Features
● Small Body Outline Dimensions:
   0.039″ x 0.024″(1.0 mm x 0.60 mm)
● Low Body Height: 0.017″ (0.43 mm) Max
● Stand−off Voltage: 3.3 V − 12 V
● Low Leakage
● Response Time is Typically < 1 ns
● ESD Rating of Class 3 (> 16 kV) per Human Body
   Model
● IEC61000−4−2 Level 4 ESD Protection
● We declare that the material of product
   compliance with RoHS requirements.

Applications
● Cellular phones audio
● MP3 players
● Digital cameras
● Portable applicationss
● mobile telephone




Similar Part No. - LESD7D5.0T5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
271Kb / 4P
Cellular phones audio Digital cameras Portable applicationss
More results


Similar Description - LESD7D5.0T5G

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
ON Semiconductor
ESD8018 ONSEMI-ESD8018 Datasheet
176Kb / 11P
ESD Protection Diode
July, 2015 ??Rev. 1
logo
Rohm
CDZC6.8B ROHM-CDZC6.8B_15 Datasheet
347Kb / 6P
ESD Protection Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com