Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIRFZ44N Datasheet (PDF) - Leshan Radio Company

LIRFZ44N Datasheet PDF - Leshan Radio Company
Part # LIRFZ44N
Download  LIRFZ44N Download
File Size   257.69 Kbytes
Page   8 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 55V N-Channel Mode MOSFET

LIRFZ44N Datasheet (PDF)

Go To PDF Page Download Datasheet
LIRFZ44N Datasheet PDF - Leshan Radio Company

Part # LIRFZ44N
Download  LIRFZ44N Click to download

File Size   257.69 Kbytes
Page   8 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 55V N-Channel Mode MOSFET

LIRFZ44N Datasheet (HTML) - Leshan Radio Company


LIRFZ44N Product details

VDS=55V RDS(ON), Vgs@10V, Ids@25A =17.5mΩ



Advanced Process Technology

Ultra Low On-Resistance

Dynamic dv/dt Rating

175°C Operating Temperature

Fast Switching

Fully Avalanche Rated

 




Similar Part No. - LIRFZ44N

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LIR03AF-30 UTC-LIR03AF-30 Datasheet
128Kb / 3P
LED LAMP
LIR03AF-60 UTC-LIR03AF-60 Datasheet
131Kb / 3P
LED LAMP
LIR05AF-25 UTC-LIR05AF-25 Datasheet
128Kb / 3P
LED LAMP
LIR05AF-30 UTC-LIR05AF-30 Datasheet
127Kb / 3P
LED LAMP
LIR05AF-60 UTC-LIR05AF-60 Datasheet
130Kb / 3P
LED LAMP
More results


Similar Description - LIRFZ44N

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY110N06T HY-HY110N06T Datasheet
252Kb / 4P
55V / 110A N-Channel Enhancement Mode MOSFET
logo
GOOD-ARK Electronics
SSF5508A GOOD-ARK-SSF5508A_15 Datasheet
717Kb / 6P
55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508_15 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5506 GOOD-ARK-SSF5506_15 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSPL5508 GOOD-ARK-SSPL5508 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSPL5505 GOOD-ARK-SSPL5505 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5508A GOOD-ARK-SSF5508A Datasheet
717Kb / 6P
55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFR2405TR UMW-IRFR2405TR Datasheet
460Kb / 7P
55V N -Channel MOSFET
IRFR4105TR UMW-IRFR4105TR Datasheet
490Kb / 7P
55V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com