Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT660EVA-T3 Datasheet (PDF) - ON Semiconductor

CAT660EVA-T3 Datasheet PDF - ON Semiconductor
Part # CAT660EVA-T3
Download  CAT660EVA-T3 Download
File Size   177.65 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 100mA CMOS Charge Pump Inverter/Doubler

CAT660EVA-T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT660EVA-T3 Datasheet PDF - ON Semiconductor

Part # CAT660EVA-T3
Download  CAT660EVA-T3 Click to download

File Size   177.65 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 100mA CMOS Charge Pump Inverter/Doubler

CAT660EVA-T3 Datasheet (HTML) - ON Semiconductor


CAT660EVA-T3 Product details

Description
The CAT660 is a charge−pump voltage converter. It will invert a 1.5 V to 5.5 V input to a −1.5 V to −5.5 V output. Only two external capacitors are needed. With a guaranteed 100 mA output current capability, the CAT660 can replace a switching regulator and its inductor. Lower EMI is achieved due to the absence of an inductor.
In addition, the CAT660 can double a voltage supplied from a battery or power supply. Inputs from 2.5 V to 5.5 V will yield a doubled, 5 V to 11 V output voltage.

Features
• Replaces MAX660 and LTC®660
• Converts V+ to V− or V+ to 2V+
• Low Output Resistance, 4  Typical
• High Power Efficiency
• Selectable Charge Pump Frequency
    − 10 kHz or 80 kHz
    − Optimize Capacitor Size
• Low Quiescent Current
• Pin−compatible, High−current Alternative to 7660/1044
• Industrial Temperature Range
• Available in 8−pin SOIC and DIP Packages
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• Negative Voltage Generator
• Voltage Doubler
• Voltage Splitter
• Low EMI Power Source
• GaAs FET Biasing
• Lithium Battery Power Supply
• Instrumentation
• LCD Contrast Bias
• Cellular Phones, Pagers




Similar Part No. - CAT660EVA-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT660EVA-T3 CATALYST-CAT660EVA-T3 Datasheet
174Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT660EVA-T3 ONSEMI-CAT660EVA-T3 Datasheet
157Kb / 15P
100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
More results


Similar Description - CAT660EVA-T3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
200mA Charge Pump Inverter or Doubler
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
100mA CMOS Charge Pump Inverter/Doubler
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com