Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SD1303 Datasheet (PDF) - SEMTECH ELECTRONICS LTD.

ST2SD1303 Datasheet PDF - SEMTECH ELECTRONICS LTD.
Part # ST2SD1303
Download  ST2SD1303 Download
File Size   241.94 Kbytes
Page   3 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description NPN Silicon Epitaxial Planar Transistor

ST2SD1303 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST2SD1303 Datasheet PDF - SEMTECH ELECTRONICS LTD.

Part # ST2SD1303
Download  ST2SD1303 Click to download

File Size   241.94 Kbytes
Page   3 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description NPN Silicon Epitaxial Planar Transistor

ST2SD1303 Datasheet (HTML) - SEMTECH ELECTRONICS LTD.


ST2SD1303 Product details

NPN Silicon Epitaxial Planar Transistor
for audio muting application.

On special request, these transistors can be
manufactured in different pin configurations.

Features
● High emitter-base voltage VEBO=7.5V(min)*
● High reverse hFE
   reverse hFE=20(min) (VCE=2V, IC=4mA)
● Low on resistance
   Ron=0.6Ω (Typ.) (IB=1mA)




Similar Part No. - ST2SD1303

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SD1616 SEMTECH_ELEC-ST2SD1616 Datasheet
157Kb / 2P
NPN Silicon Transistor
ST2SD1616A SEMTECH_ELEC-ST2SD1616A Datasheet
157Kb / 2P
NPN Silicon Transistor
ST2SD1691T SEMTECH_ELEC-ST2SD1691T Datasheet
145Kb / 1P
NPN Silicon Epitaxial Power Transistor
ST2SD1817R SEMTECH_ELEC-ST2SD1817R Datasheet
233Kb / 3P
NPN Silicon Epitaxial Planar Transistor
ST2SD1817Z SEMTECH_ELEC-ST2SD1817Z Datasheet
230Kb / 3P
NPN Silicon Epitaxial Planar Transistor
More results


Similar Description - ST2SD1303

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results




About SEMTECH ELECTRONICS LTD.


Semtech Corporation is an American technology company that specializes in the design and manufacture of analog and mixed-signal semiconductors.

The company was founded in 1960 and has its headquarters in Camarillo, California.

Semtech provides a wide range of products for use in communications, computing, industrial, and consumer applications.

The company is known for its innovative technology and high-quality products, and it has a strong reputation in the semiconductor industry.

Semtech operates globally and has a presence in many countries around the world, serving customers in a variety of industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com