Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EIA1415-5 Datasheet (PDF) - Excelics Semiconductor, Inc.

EIA1415-5 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EIA1415-5
Download  EIA1415-5 Download
File Size   89.29 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 14.40-15.35GHz 5-Watt Internally Matched Power FET

EIA1415-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
EIA1415-5 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EIA1415-5
Download  EIA1415-5 Click to download

File Size   89.29 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 14.40-15.35GHz 5-Watt Internally Matched Power FET

EIA1415-5 Datasheet (HTML) - Excelics Semiconductor, Inc.


EIA1415-5 Product details

FEATURES
• 14.40– 15.35GHz Bandwidth
• Input/Output Impedance Matched to 50 Ohms
• +36.5 dBm Output Power at 1dB Compression
• 7.0 dB Power Gain at 1dB Compression
• 33% Power Added Efficiency
• Hermetic Metal Flange Package
• 100% Tested for DC, RF, and RTH




Similar Part No. - EIA1415-5

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIA1415-8P EXCELICS-EIA1415-8P Datasheet
46Kb / 1P
14.4-15.35GHz, 8W Internally Matched Power FET
More results


Similar Description - EIA1415-5

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIB1415-2P EXCELICS-EIB1415-2P Datasheet
90Kb / 1P
14.40-15.35GHz 2W Internally Matched Power FET
EIB1415-4P EXCELICS-EIB1415-4P Datasheet
90Kb / 1P
14.40-15.35GHz 4W Internally Matched Power FET
EIC1415-2 EXCELICS-EIC1415-2 Datasheet
123Kb / 2P
14.40-15.35GHz 2-Watt Internally-Matched Power FET
EIC1415-3 EXCELICS-EIC1415-3 Datasheet
88Kb / 1P
14.40-15.35GHz 3-Watt Internally Matched Power FET
EIC1415-4 EXCELICS-EIC1415-4 Datasheet
123Kb / 2P
14.40-15.40GHz 4-Watt Internally-Matched Power FET
EIC1415A-4 EXCELICS-EIC1415A-4 Datasheet
86Kb / 1P
14.40-15.40GHz 4-Watt Internally Matched Power FET
EID1415A1-5 EXCELICS-EID1415A1-5 Datasheet
171Kb / 4P
14.40-15.35 GHz 5-Watt Internally-Matched Power FET
EID1415A1-8 EXCELICS-EID1415A1-8 Datasheet
181Kb / 4P
14.40-15.35GHz 8-Watt Internally-Matched Power FET
EIC1415-12 EXCELICS-EIC1415-12 Datasheet
141Kb / 3P
14.40-15.40GHz 12-Watt Internally Matched Power FET
EID1415A1-3 EXCELICS-EID1415A1-3 Datasheet
217Kb / 2P
14.40-15.35GHz, 3-Watt Internally-Matched Power FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com