Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EIB3439-4P Datasheet (PDF) - Excelics Semiconductor, Inc.

EIB3439-4P Datasheet PDF - Excelics Semiconductor, Inc.
Part # EIB3439-4P
Download  EIB3439-4P Download
File Size   86.33 Kbytes
Page   1 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 3.40-3.90 GHz 4W Internally Matched Power FET

EIB3439-4P Datasheet (PDF)

Go To PDF Page Download Datasheet
EIB3439-4P Datasheet PDF - Excelics Semiconductor, Inc.

Part # EIB3439-4P
Download  EIB3439-4P Click to download

File Size   86.33 Kbytes
Page   1 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 3.40-3.90 GHz 4W Internally Matched Power FET

EIB3439-4P Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - EIB3439-4P

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
EIB-BUS-2X2-LSZH STRUCTURED-CABLE-EIB-BUS-2X2-LSZH Datasheet
303Kb / 1P
EIB BUS CABLE- KNX RECOGNIZED
9/20/2020
logo
Siemens Semiconductor G...
EIB-TP-UART-IC SIEMENS-EIB-TP-UART-IC Datasheet
378Kb / 26P
TP-UART-IC
logo
Excelics Semiconductor,...
EIB1011-2P EXCELICS-EIB1011-2P Datasheet
46Kb / 1P
10.7-11.7GHz, 2W Internally Matched Power FET
EIB1011-4P EXCELICS-EIB1011-4P Datasheet
46Kb / 1P
10.7-11.7GHz, 4W Internally Matched Power FET
EIB1213-2P EXCELICS-EIB1213-2P Datasheet
90Kb / 1P
12.75-13.25GHz 2W Internally Matched Power FET
More results


Similar Description - EIB3439-4P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC36V5258 MITSUBISHI-MGFC36V5258_04 Datasheet
893Kb / 3P
5.2 - 5.8GHz BAND 4W INTERNALLY MATCHED GaAs FET
logo
Excelics Semiconductor,...
EIB1213-4P EXCELICS-EIB1213-4P Datasheet
90Kb / 1P
12.75-13.25GHz 4W Internally Matched Power FET
EIB1415-4P EXCELICS-EIB1415-4P Datasheet
90Kb / 1P
14.40-15.35GHz 4W Internally Matched Power FET
EIC3439-4 EXCELICS-EIC3439-4 Datasheet
124Kb / 2P
3.40-3.90GHz 4-Watt Internally Matched Power FET
EIA1314A-4P EXCELICS-EIA1314A-4P Datasheet
46Kb / 1P
13.0-14.5GHz, 4W Internally Matched Power FET
EIA1415A-4P EXCELICS-EIA1415A-4P Datasheet
46Kb / 1P
14.0-15.35GHz, 4W Internally Matched Power FET
EIB1011-4P EXCELICS-EIB1011-4P Datasheet
46Kb / 1P
10.7-11.7GHz, 4W Internally Matched Power FET
EIB1314-4P EXCELICS-EIB1314-4P Datasheet
46Kb / 1P
13.75-14.5GHz, 4W Internally Matched Power FET
EIB1414-4P EXCELICS-EIB1414-4P Datasheet
47Kb / 1P
14.0-14.5GHz, 4W Internally Matched Power FET
EIA1616-4P EXCELICS-EIA1616-4P Datasheet
48Kb / 1P
16.2-16.4GHz, 4W Internally Matched Power FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com