Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EIC4450-18 Datasheet (PDF) - Excelics Semiconductor, Inc.

EIC4450-18 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EIC4450-18
Download  EIC4450-18 Download
File Size   125.04 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 4.40-5.00GHz 18-Watt Internally Matched Power FET

EIC4450-18 Datasheet (PDF)

Go To PDF Page Download Datasheet
EIC4450-18 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EIC4450-18
Download  EIC4450-18 Click to download

File Size   125.04 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 4.40-5.00GHz 18-Watt Internally Matched Power FET

EIC4450-18 Datasheet (HTML) - Excelics Semiconductor, Inc.


EIC4450-18 Product details

FEATURES
• 4.40– 5.00GHz Bandwidth
• Input/Output Impedance Matched to 50 Ohms
• +42.5 dBm Output Power at 1dB Compression
• 9.5 dB Power Gain at 1dB Compression
• 33% Power Added Efficiency
• -46 dBc IM3 at Po = 31.5 dBm SCL
• Hermetic Metal Flange Package
• 100% Tested for DC, RF, and RTH




Similar Part No. - EIC4450-18

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC4450-10 EXCELICS-EIC4450-10 Datasheet
97Kb / 2P
4.40-5.00 GHz 10-Watt Internally Matched Power FET
EIC4450-10NH EXCELICS-EIC4450-10NH Datasheet
97Kb / 2P
4.40-5.00 GHz 10-Watt Internally Matched Power FET
EIC4450-15 EXCELICS-EIC4450-15 Datasheet
140Kb / 3P
4.40-5.00GHz 15-Watt Internally Matched Power FET
More results


Similar Description - EIC4450-18

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC0910-4 EXCELICS-EIC0910-4 Datasheet
183Kb / 4P
9.50-10.50GHz 4-Watt Internally-Matched Power FET
EIC0910-8 EXCELICS-EIC0910-8 Datasheet
189Kb / 4P
9.50-10.50GHz 8-Watt Internally Matched Power FET
EIC4450-4 EXCELICS-EIC4450-4 Datasheet
184Kb / 4P
4.40-5.00 GHz 4-Watt Internally Matched Power FET
EIC4450-8 EXCELICS-EIC4450-8 Datasheet
165Kb / 4P
4.40-5.00GHz 8-Watt Internally Matched Power FET
EIC4450-10 EXCELICS-EIC4450-10 Datasheet
97Kb / 2P
4.40-5.00 GHz 10-Watt Internally Matched Power FET
EIC7179-5 EXCELICS-EIC7179-5 Datasheet
185Kb / 4P
7.10-7.90GHz 5-Watt Internally-Matched Power FET
EIC7678-25 EXCELICS-EIC7678-25 Datasheet
185Kb / 2P
7.60-7.80GHz 25-Watt Internally Matched Power FET
EIC7785-4 EXCELICS-EIC7785-4 Datasheet
163Kb / 4P
7.70-8.50GHz 4-Watt Internally-Matched Power FET
EIC7785-8 EXCELICS-EIC7785-8 Datasheet
166Kb / 4P
7.70-8.50GHz 8-Watt Internally-Matched Power FET
EIC4450-15 EXCELICS-EIC4450-15 Datasheet
140Kb / 3P
4.40-5.00GHz 15-Watt Internally Matched Power FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com