Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EIC4953-8 Datasheet (PDF) - Excelics Semiconductor, Inc.

EIC4953-8 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EIC4953-8
Download  EIC4953-8 Download
File Size   125.12 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 4.90-5.30 GHz 8-Watt Internally Matched Power FET

EIC4953-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
EIC4953-8 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EIC4953-8
Download  EIC4953-8 Click to download

File Size   125.12 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 4.90-5.30 GHz 8-Watt Internally Matched Power FET

EIC4953-8 Datasheet (HTML) - Excelics Semiconductor, Inc.


EIC4953-8 Product details

FEATURES
• 4.90–5.30GHz Bandwidth
• Input/Output Impedance Matched to 50 Ohms
• +39.5 dBm Output Power at 1dB Compression
• 10.5 dB Power Gain at 1dB Compression
• 35% Power Added Efficiency
• -46 dBc IM3 at PO = 28.5 dBm SCL
• 100% Tested for DC, RF, and RTH




Similar Part No. - EIC4953-8

ManufacturerPart #DatasheetDescription
logo
ORIENTAL MOTOR USA CORP
EIC4081 ORIENTAL-EIC4081 Datasheet
585Kb / 11P
The New Pentagon Bipolar Driver for 0.36°/0.72° Stepping Motors
EIC4091 ORIENTAL-EIC4091 Datasheet
585Kb / 11P
The New Pentagon Bipolar Driver for 0.36°/0.72° Stepping Motors
EIC4101 ORIENTAL-EIC4101 Datasheet
585Kb / 11P
The New Pentagon Bipolar Driver for 0.36°/0.72° Stepping Motors
EIC4111 ORIENTAL-EIC4111 Datasheet
585Kb / 11P
The New Pentagon Bipolar Driver for 0.36°/0.72° Stepping Motors
EIC4121 ORIENTAL-EIC4121 Datasheet
585Kb / 11P
The New Pentagon Bipolar Driver for 0.36°/0.72° Stepping Motors
More results


Similar Description - EIC4953-8

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC0910A-8 EXCELICS-EIC0910A-8 Datasheet
125Kb / 2P
9.20-10.00 GHz 8-Watt Internally Matched Power FET
EIC1010A-8 EXCELICS-EIC1010A-8 Datasheet
159Kb / 4P
10.00-10.25 GHz 8-Watt Internally Matched Power FET
EIC1112-8 EXCELICS-EIC1112-8 Datasheet
90Kb / 2P
11.7-12.7 GHz 8-Watt Internally Matched Power FET
EIC5359-8 EXCELICS-EIC5359-8 Datasheet
73Kb / 1P
5.30-5.90GHz, 8W Internally Matched Power FET
EIC5359-10 EXCELICS-EIC5359-10 Datasheet
84Kb / 1P
5.30-5.90 GHz 10W Internally Matched Power FET
EID1112A1-8 EXCELICS-EID1112A1-8 Datasheet
91Kb / 2P
11.70-12.70 GHz 8-Watt Internally Matched Power FET
EID1314A1-8 EXCELICS-EID1314A1-8 Datasheet
170Kb / 4P
13.75-14.50 GHz 8-Watt Internally-Matched Power FET
EID1414A1-8 EXCELICS-EID1414A1-8 Datasheet
170Kb / 4P
14.00-14.50 GHz 8-Watt Internally-Matched Power FET
EIC1314-8 EXCELICS-EIC1314-8 Datasheet
216Kb / 4P
13.75-14.5 GHz 8-Watt Internally Matched Power FET
EIC4853-25 EXCELICS-EIC4853-25 Datasheet
92Kb / 2P
4.8-5.30 GHz 25-Watt Internally Matched Power FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com