Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EIM1213-4 Datasheet (PDF) - Excelics Semiconductor, Inc.

EIM1213-4 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EIM1213-4
Download  EIM1213-4 Download
File Size   106.48 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 12.75 - 13.25GHz Multi-Stage Power Amplifier

EIM1213-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
EIM1213-4 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EIM1213-4
Download  EIM1213-4 Click to download

File Size   106.48 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 12.75 - 13.25GHz Multi-Stage Power Amplifier

EIM1213-4 Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - EIM1213-4

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIM1011-4 EXCELICS-EIM1011-4 Datasheet
162Kb / 4P
10.7-11.7GHz Multi-Stage Power Amplifier
EIM1314-4 EXCELICS-EIM1314-4 Datasheet
140Kb / 3P
13.75-14.50GHz Multi-Stage Power Amplifier
EIM1314-5 EXCELICS-EIM1314-5 Datasheet
223Kb / 3P
13.75-14.50GHz Multi-Stage Power Amplifier
EIM1415-4 EXCELICS-EIM1415-4 Datasheet
145Kb / 3P
14.40-15.40GHz Multi-Stage Power Amplifier
More results


Similar Description - EIM1213-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000071-PKG003 MACOM-MAAP-000071-PKG003 Datasheet
202Kb / 4P
Amplifier, Power, 1.6W 12.75-15.35 GHz
logo
Excelics Semiconductor,...
EIB1213-2P EXCELICS-EIB1213-2P Datasheet
90Kb / 1P
12.75-13.25GHz 2W Internally Matched Power FET
EIB1213-4P EXCELICS-EIB1213-4P Datasheet
90Kb / 1P
12.75-13.25GHz 4W Internally Matched Power FET
EIM0910-4 EXCELICS-EIM0910-4 Datasheet
147Kb / 3P
9.5-10.5GHz Multi-Stage Power Amplifier
EIM1011-4 EXCELICS-EIM1011-4 Datasheet
162Kb / 4P
10.7-11.7GHz Multi-Stage Power Amplifier
EIM1314-4 EXCELICS-EIM1314-4 Datasheet
140Kb / 3P
13.75-14.50GHz Multi-Stage Power Amplifier
EIM1314-5 EXCELICS-EIM1314-5 Datasheet
223Kb / 3P
13.75-14.50GHz Multi-Stage Power Amplifier
EIM1415-4 EXCELICS-EIM1415-4 Datasheet
145Kb / 3P
14.40-15.40GHz Multi-Stage Power Amplifier
EIM7785-4 EXCELICS-EIM7785-4 Datasheet
162Kb / 4P
7.70-8.50GHz Multi-Stage Power Amplifier
EIM8911-5 EXCELICS-EIM8911-5 Datasheet
173Kb / 3P
8.95-10.6GHz Multi-Stage Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com