Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4933 Datasheet (PDF) - SEMTECH ELECTRONICS LTD.

1N4933 Datasheet PDF - SEMTECH ELECTRONICS LTD.
Part # 1N4933
Download  1N4933 Download
File Size   141.9 Kbytes
Page   1 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description FAST SWITCHING PLASTIC RECTIFIERS

1N4933 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4933 Datasheet PDF - SEMTECH ELECTRONICS LTD.

Part # 1N4933
Download  1N4933 Click to download

File Size   141.9 Kbytes
Page   1 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description FAST SWITCHING PLASTIC RECTIFIERS

1N4933 Datasheet (HTML) - SEMTECH ELECTRONICS LTD.


1N4933 Product details

Reverse Voltage – 50 to 600 Volts

Forward Current – 1.0 Ampere



Features

• Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

• Fast switching for high efficiency

• Construction utilizes void-free molded plastic technique

• 1.0 ampere operation at TA = 75℃ with no thermal runaway

• High temperature soldering guaranteed: 250℃/10 seconds, 0.375” (9.5mm) lead length, 5 lbs. (2.3kg) tension

• Case : Molded plastic, DO-41



 




Similar Part No. - 1N4933

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Pan Jit International I...
1N4933 PANJIT-1N4933 Datasheet
57Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N4933 SURGE-1N4933 Datasheet
150Kb / 4P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
1N4933 TRSYS-1N4933 Datasheet
134Kb / 3P
FAST SWITCHING PLASTIC RECTIFIER
logo
Won-Top Electronics
1N4933 WTE-1N4933 Datasheet
47Kb / 3P
1.0A FAST RECOVERY RECTIFIER
More results


Similar Description - 1N4933

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
FR151 SEMTECH_ELEC-FR151 Datasheet
212Kb / 1P
FAST SWITCHING PLASTIC RECTIFIERS
logo
Continental Device Indi...
BA157 CDIL-BA157 Datasheet
312Kb / 5P
FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA157 LRC-BA157_15 Datasheet
200Kb / 7P
Fast Switching Plastic Rectifiers
BA157G LRC-BA157G_15 Datasheet
199Kb / 7P
Fast Switching Plastic Rectifiers
BA158 LRC-BA158_15 Datasheet
200Kb / 7P
Fast Switching Plastic Rectifiers
BA158G LRC-BA158G_15 Datasheet
199Kb / 7P
Fast Switching Plastic Rectifiers
BA159 LRC-BA159_15 Datasheet
352Kb / 3P
Fast Switching Plastic Rectifiers
BA159D LRC-BA159D_15 Datasheet
200Kb / 7P
Fast Switching Plastic Rectifiers
BA159DG LRC-BA159DG_15 Datasheet
199Kb / 7P
Fast Switching Plastic Rectifiers
BA159G LRC-BA159G_15 Datasheet
198Kb / 3P
Fast Switching Plastic Rectifiers
More results




About SEMTECH ELECTRONICS LTD.


Semtech Corporation is an American technology company that specializes in the design and manufacture of analog and mixed-signal semiconductors.

The company was founded in 1960 and has its headquarters in Camarillo, California.

Semtech provides a wide range of products for use in communications, computing, industrial, and consumer applications.

The company is known for its innovative technology and high-quality products, and it has a strong reputation in the semiconductor industry.

Semtech operates globally and has a presence in many countries around the world, serving customers in a variety of industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com