Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EIM7179-4 Datasheet (PDF) - Excelics Semiconductor, Inc.

EIM7179-4 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EIM7179-4
Download  EIM7179-4 Download
File Size   143.89 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 7.1 - 7.9 GHz Multi-Stage Power Amplifier

EIM7179-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
EIM7179-4 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EIM7179-4
Download  EIM7179-4 Click to download

File Size   143.89 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 7.1 - 7.9 GHz Multi-Stage Power Amplifier

EIM7179-4 Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - EIM7179-4

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIM7185-4 EXCELICS-EIM7185-4 Datasheet
160Kb / 4P
7.1 - 8.5 GHz Multi-Stage Power Amplifier
More results


Similar Description - EIM7179-4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC532LP4 HITTITE-HMC532LP4 Datasheet
281Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
logo
Excelics Semiconductor,...
EIM5972-4 EXCELICS-EIM5972-4 Datasheet
161Kb / 4P
5.9 -7.2 GHz Multi-Stage Power Amplifier
EIM6775-5 EXCELICS-EIM6775-5 Datasheet
108Kb / 3P
6.7 - 7.5 GHz Multi-Stage Power Amplifier
EIM7185-4 EXCELICS-EIM7185-4 Datasheet
160Kb / 4P
7.1 - 8.5 GHz Multi-Stage Power Amplifier
EIM7678-5 EXCELICS-EIM7678-5 Datasheet
105Kb / 4P
7.6- 7.8 GHz Multi-Stage Power Amplifier
EMP107 EXCELICS-EMP107 Datasheet
195Kb / 4P
5.9 - 7.9 GHz Power Amplifier MMIC
logo
M/A-COM Technology Solu...
MAOC-009261-PKG003 MA-COM-MAOC-009261-PKG003 Datasheet
135Kb / 5P
Voltage Controlled Oscillator 7.1 - 7.9 GHz
logo
Hittite Microwave Corpo...
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
logo
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
7.1 ??8.5 GHz Power Amplifier
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
5.9 ??7.1 GHz Power Amplifier
September 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com