Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMA109 Datasheet (PDF) - Excelics Semiconductor, Inc.

EMA109 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EMA109
Download  EMA109 Download
File Size   106.43 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 0.5 - 3.0 GHz High Linearity Power MMIC

EMA109 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMA109 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EMA109
Download  EMA109 Click to download

File Size   106.43 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 0.5 - 3.0 GHz High Linearity Power MMIC

EMA109 Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - EMA109

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
Emitter common (dual digital transistors)
logo
Excelics Semiconductor,...
EMA110 EXCELICS-EMA110 Datasheet
97Kb / 1P
0.5 - 3.0 GHz High Linearity Power MMIC
EMA110-130F EXCELICS-EMA110-130F Datasheet
90Kb / 1P
0.5 - 3.0 GHz High Linearity Power MMIC
EMA112-CP083 EXCELICS-EMA112-CP083 Datasheet
90Kb / 2P
0.5 - 3.0 GHz High Linearity Power MMIC
More results


Similar Description - EMA109

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
Excelics Semiconductor,...
EMA110-130F EXCELICS-EMA110-130F Datasheet
90Kb / 1P
0.5 - 3.0 GHz High Linearity Power MMIC
EMA110 EXCELICS-EMA110 Datasheet
97Kb / 1P
0.5 - 3.0 GHz High Linearity Power MMIC
EMA112-CP083 EXCELICS-EMA112-CP083 Datasheet
90Kb / 2P
0.5 - 3.0 GHz High Linearity Power MMIC
logo
M/A-COM Technology Solu...
MAAM26100-B1 MA-COM-MAAM26100-B1 Datasheet
116Kb / 2P
GaAs MMIC Power Amplifier 3.0 - 6.4 GHz
logo
Advanced Semiconductor ...
ASL41S9 ASB-ASL41S9_17 Datasheet
510Kb / 11P
High Linearity LNA MMIC
January 2017
logo
BeRex Corporation
BMT352 BEREX-BMT352_16 Datasheet
1Mb / 22P
3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BLB01 BEREX-BLB01_18 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BMT352 BEREX-BMT352_18 Datasheet
1Mb / 22P
3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
logo
WOLFSPEED, INC.
CMPA0530002S WOLFSPEED-CMPA0530002S Datasheet
2Mb / 20P
2 W, 0.5 - 3.0 GHz, 28 V, GaN MMIC
Rev. 1.3, 2022-12-8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com