Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMA406C Datasheet (PDF) - Excelics Semiconductor, Inc.

EMA406C Datasheet PDF - Excelics Semiconductor, Inc.
Part # EMA406C
Download  EMA406C Download
File Size   149.91 Kbytes
Page   4 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 26 - 32 GHz Low Noise MMIC

EMA406C Datasheet (PDF)

Go To PDF Page Download Datasheet
EMA406C Datasheet PDF - Excelics Semiconductor, Inc.

Part # EMA406C
Download  EMA406C Click to download

File Size   149.91 Kbytes
Page   4 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 26 - 32 GHz Low Noise MMIC

EMA406C Datasheet (HTML) - Excelics Semiconductor, Inc.


EMA406C Product details

FEATURES
 • 26 -32 GHz BANDWIDTH
 • +20.0 dBm TYPICAL OUTPUT POWER
 • 21 dB ± 1.5 dB TYPICAL POWER GAIN
 • FOUR SECTION, DISTRIBUTED AMPLIFIER
 • DUAL BIAS SUPPLY
 • 0.3 MICRON RECESSED “MUSHROOM” GATE
 • Si3N4 PASSIVATION
 • ADVANCED EPITAXIAL HETEROJUNCTION PROFILE PROVIDES EXTRA HIGH POWER EFFICIENCY, AND HIGH RELIABILITY




Similar Part No. - EMA406C

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA4 ROHM-EMA4 Datasheet
65Kb / 2P
General purpose (dual digital transistors)
EMA4 ROHM-EMA4 Datasheet
65Kb / 3P
General purpose (dual digital transistors)
EMA4 ROHM-EMA4 Datasheet
571Kb / 7P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
EMA4 ROHM-EMA4 Datasheet
1Mb / 10P
Emitter common Dual digital transistor
EMA4 ROHM-EMA4_15 Datasheet
1Mb / 10P
Emitter common Dual digital transistor
More results


Similar Description - EMA406C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC281 HITTITE-HMC281 Datasheet
106Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER 18 - 32 GHz
HMC517 HITTITE-HMC517 Datasheet
317Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC518 HITTITE-HMC518 Datasheet
321Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC519 HITTITE-HMC519 Datasheet
337Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
HMC268LM1 HITTITE-HMC268LM1 Datasheet
172Kb / 8P
SMT LOW NOISE AMPLIFIER MMIC 20 - 32 GHz
HMC-ALH364 HITTITE-HMC-ALH364 Datasheet
180Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
HMC268LM1 HITTITE-HMC268LM1_01 Datasheet
252Kb / 8P
SMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC517 HITTITE-HMC517_09 Datasheet
246Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC518 HITTITE-HMC518_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC-ALH364 HITTITE-HMC-ALH364_09 Datasheet
180Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com