Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP210 Datasheet (PDF) - Excelics Semiconductor, Inc.

EMP210 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EMP210
Download  EMP210 Download
File Size   145.23 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 9.5 - 12 GHz Power Amplifier MMIC

EMP210 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMP210 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EMP210
Download  EMP210 Click to download

File Size   145.23 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 9.5 - 12 GHz Power Amplifier MMIC

EMP210 Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - EMP210

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP210-P1 EXCELICS-EMP210-P1 Datasheet
94Kb / 2P
9.5 - 12.0 GHz Power Amplifier MMIC
EMP210-Q5 EXCELICS-EMP210-Q5 Datasheet
143Kb / 4P
9.5 - 12.0 GHz Surface-Mounted PA
More results


Similar Description - EMP210

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC590LP5 HITTITE-HMC590LP5 Datasheet
373Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
logo
Mimix Broadband
XP1035-BD MIMIX-XP1035-BD Datasheet
1Mb / 1P
5.9-9.5 GHz GaAs MMIC Linear Power Amplifier
logo
Excelics Semiconductor,...
EMP108 EXCELICS-EMP108 Datasheet
163Kb / 2P
7.0 - 9.5 GHz Power Amplifier MMIC
EMP108-P1 EXCELICS-EMP108-P1 Datasheet
87Kb / 1P
7.0 -9.5 GHz Power Amplifier MMIC
EMP210-P1 EXCELICS-EMP210-P1 Datasheet
94Kb / 2P
9.5 - 12.0 GHz Power Amplifier MMIC
EMP211 EXCELICS-EMP211 Datasheet
170Kb / 2P
9.5 - 12.0 GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5_09 Datasheet
273Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
logo
M/A-COM Technology Solu...
XP1035-BD MA-COM-XP1035-BD Datasheet
1Mb / 1P
5.9-9.5 GHz GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com