Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5408 Datasheet (PDF) - Motorola, Inc

1N5408 Datasheet PDF - Motorola, Inc
Part # 1N5408
Download  1N5408 Download
File Size   44.85 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE

1N5408 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5408 Datasheet PDF - Motorola, Inc

Part # 1N5408
Download  1N5408 Click to download

File Size   44.85 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE

1N5408 Datasheet (HTML) - Motorola, Inc


1N5408 Product details

STANDARD RECOVERY RECTIFIERS 50–1000 VOLTS 3.0 AMPERE

Lead mounted standard recovery rectifiers are designed for use in power supplies and other applications having need of a device with the following features:
• High Current to Small Size
• High Surge Current Capability
• Low Forward Voltage Drop
• Void–Free Economical Plastic Package
• Available in Volume Quantities

Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 1.1 gram (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes: 220°C Max. for 10 Seconds, 1/16″ from case
• Shipped in plastic bags, 5,000 per bag.
• Available Tape and Reeled, 1500 per reel, by adding a “RL” suffix to the part number
• Polarity: Cathode Indicated by Polarity Band
• Marking: 1N5400, 1N5401, 1N5402, 1N5404, 1N5406, 1N5407, 1N5408




Similar Part No. - 1N5408

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5408 PANJIT-1N5408 Datasheet
51Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Surge Components
1N5408 SURGE-1N5408 Datasheet
121Kb / 2P
3.0 AMPS. SILICON RECTIFIERS?
logo
Transys Electronics
1N5408 TRSYS-1N5408 Datasheet
155Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Wing Shing Computer Com...
1N5408 WINGS-1N5408 Datasheet
278Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Won-Top Electronics
1N5408 WTE-1N5408 Datasheet
39Kb / 3P
3.0A SILICON RECTIFIER
More results


Similar Description - 1N5408

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Micro Commercial Compon...
PF501 MCC-PF501 Datasheet
96Kb / 2P
50Amp Standard Recovery Rectifier 50 to 1000 Volts
PF501L MCC-PF501L Datasheet
96Kb / 2P
50Amp Standard Recovery Rectifier 50 to 1000 Volts
RGP30A MCC-RGP30A Datasheet
82Kb / 3P
3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
RL101GP MCC-RL101GP Datasheet
248Kb / 2P
1.0 Amp Standard Recovery Rectifier 50-1000 Volts
logo
List of Unclassifed Man...
GS1A ETC-GS1A Datasheet
51Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER VOLTAGE - 50 TO 1000 VOLTS CURRENT - 1.0 AMPERE
logo
Shanghai Lunsure Electr...
RL101GP CHENYI-RL101GP Datasheet
204Kb / 2P
1.0Amp standard recovery rectifier 50-1000 volts
logo
Kingtronics Internation...
FR101 KINGTRONICS-FR101 Datasheet
168Kb / 2P
FAST RECOVERY RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
Bytesonic Electronics C...
ER300 BYTESONIC-ER300 Datasheet
146Kb / 2P
3.0 Ampere SUPERFAST RECOVERY RECTIFIERS
2015/2/5
logo
Rectron Semiconductor
DRS301K RECTRON-DRS301K Datasheet
319Kb / 5P
GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE 50 to 1000 Volts CURRENT 3.0 Ampere
2018-10 REV: C
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com