Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA018B Datasheet (PDF) - Excelics Semiconductor, Inc.

EPA018B Datasheet PDF - Excelics Semiconductor, Inc.
Part # EPA018B
Download  EPA018B Download
File Size   100.54 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description High Efficiency Heterojunction Power FET

EPA018B Datasheet (PDF)

Go To PDF Page Download Datasheet
EPA018B Datasheet PDF - Excelics Semiconductor, Inc.

Part # EPA018B
Download  EPA018B Click to download

File Size   100.54 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description High Efficiency Heterojunction Power FET

EPA018B Datasheet (HTML) - Excelics Semiconductor, Inc.


EPA018B Product details

FEATURES
• VERY HIGH fmax: 120GHz
• +20.0dBm TYPICAL OUTPUT POWER
• 13.0dB TYPICAL POWER GAIN AT 18 GHz
• TYPICAL 0.75dB NOISE FIGURE AND 12.5dB ASSOCIATED GAIN AT 12GHz
• 0.3 X 180 MICRON RECESSED “MUSHROOM” GATE
• Si3N4 PASSIVATION
• ADVANCED EPITAXIAL HETEROJUNCTION PROFILE PROVIDES EXTRA HIGH POWER EFFICIENCY, AND HIGH RELIABILITY
• Idss SORTED IN 5 mA PER BIN RANGE




Similar Part No. - EPA018B

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EPA018B-70 EXCELICS-EPA018B-70 Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
logo
List of Unclassifed Man...
EPA018BV ETC-EPA018BV Datasheet
47Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA018BV EXCELICS-EPA018BV Datasheet
46Kb / 2P
High Efficiency Heterojunction Power FET
EPA018BV-70SC EXCELICS-EPA018BV-70SC Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
More results


Similar Description - EPA018B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com