Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFA018A Datasheet (PDF) - Excelics Semiconductor, Inc.

EFA018A Datasheet PDF - Excelics Semiconductor, Inc.
Part # EFA018A
Download  EFA018A Download
File Size   157.66 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description Low Distortion GaAs Power FET

EFA018A Datasheet (PDF)

Go To PDF Page Download Datasheet
EFA018A Datasheet PDF - Excelics Semiconductor, Inc.

Part # EFA018A
Download  EFA018A Click to download

File Size   157.66 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description Low Distortion GaAs Power FET

EFA018A Datasheet (HTML) - Excelics Semiconductor, Inc.


EFA018A Product details

Low Distortion GaAs Power FET

• VERY HIGH fmax: 100GHz
• +18.5dBm TYPICAL OUTPUT POWER
• 11.5dB TYPICAL POWER GAIN AT 12GHz
• TYPICAL 1.1dB NOISE FIGURE AND 10.5dB ASSOCIATED GAIN AT 12GHz
• 0.3 X 180 MICRON RECESSED “MUSHROOM” GATE
• Si3N4 PASSIVATION
• ADVANCED EPITAXIAL DOPING PROFILE PROVIDES HIGH POWER EFFICIENCY, LINEARITY AND RELIABILITY
• Idss SORTED IN 5mA PER BIN RANGE




Similar Part No. - EFA018A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFA018A-70 ETC-EFA018A-70 Datasheet
25Kb / 2P
Low Distortion GaAs Power FET
logo
Excelics Semiconductor,...
EFA018A-70 EXCELICS-EFA018A-70 Datasheet
23Kb / 2P
Low Distortion GaAs Power FET
More results


Similar Description - EFA018A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFC120 ETC-EFC120 Datasheet
23Kb / 2P
Low Distortion GaAs Power FET
EFA060B-70 ETC-EFA060B-70 Datasheet
25Kb / 2P
Low Distortion GaAs Power FET
EFA072A ETC-EFA072A Datasheet
43Kb / 2P
Low Distortion GaAs Power FET
EFA080A-100F ETC1-EFA080A-100F Datasheet
33Kb / 2P
Low Distortion GaAs Power FET
EFC060B ETC1-EFC060B Datasheet
27Kb / 2P
Low Distortion GaAs Power FET
logo
Excelics Semiconductor,...
EFA025A-100P EXCELICS-EFA025A-100P Datasheet
107Kb / 2P
Low Distortion GaAs Power FET
EFA240B EXCELICS-EFA240B Datasheet
39Kb / 2P
Low Distortion GaAs Power FET
EFA240D EXCELICS-EFA240D Datasheet
24Kb / 2P
Low Distortion GaAs Power FET
EFA480C EXCELICS-EFA480C Datasheet
28Kb / 2P
Low Distortion GaAs Power FET
EFC120B EXCELICS-EFC120B Datasheet
28Kb / 2P
Low Distortion GaAs Power FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com