Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP2527-1BWM Datasheet (PDF) - A1 PROs co., Ltd.

IMP2527-1BWM Datasheet PDF - A1 PROs co., Ltd.
Part # IMP2527-1BWM
Download  IMP2527-1BWM Download
File Size   381.97 Kbytes
Page   32 Pages
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.
Description Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion

IMP2527-1BWM Datasheet (PDF)

Go To PDF Page Download Datasheet
IMP2527-1BWM Datasheet PDF - A1 PROs co., Ltd.

Part # IMP2527-1BWM
Download  IMP2527-1BWM Click to download

File Size   381.97 Kbytes
Page   32 Pages
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.
Description Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion

IMP2527-1BWM Datasheet (HTML) - A1 PROs co., Ltd.


IMP2527-1BWM Product details

The IMP2524 and IMP2527 are complete power management solutions for bus-powered and self-powered USB hubs. Each device contains four independent power switches and fault detection logic. The IMP2524 channel resistance is a low 140mΩ maximum and the IMP2527 channel resistance is 300Ω maximum. Both device operate with voltage inputs from 2.7V to 5.5V.
   
Key Features
◆ USB Rev. 1.1 and 2.0 Compliant
◆ Four independent switches
◆ 2.7V to 5.5V input operation
◆ Low MOSFET ON resistance
    – IMP2524: 0.1Ω, 0.14Ω maximum
    – IMP2527: 0.2Ω, 0.3Ω maximum
◆ 500mA continuos load current per switch
◆ Low supply current
    – 110µA ON-state current, 0.75µA OFF-state
    current
◆ 1.25A maximum current limit, 750mA typical
◆ Thermal shutdown 2.4V undervoltage lockout
    (UVLO)
◆ Open-drain flag output
    – Undervoltage
    – Current limit
    – Thermal shutdown
◆ Output can be force higher than input
◆ Active HIGH(-1) and active LOW(-2) enable
◆ 16-pin SO and DIP packages, Die available
◆ Pin compatible with the Micrel MIC2524 and
    MIC2527
   
Applications
◆ USB host and self-powered hubs
◆ USB video monitors
◆ USB printers
   




Similar Part No. - IMP2527-1BWM

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP2527 IMP-IMP2527 Datasheet
117Kb / 4P
Quad USB High-Side Power Switch with Fault Detection
More results


Similar Description - IMP2527-1BWM

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
Quad USB High-Side Power Switch
AIC1529 AIC-AIC1529 Datasheet
275Kb / 11P
Quad USB High-Side Power Switch
logo
A1 PROs co., Ltd.
IMP690A A1PROS-IMP690A Datasheet
227Kb / 10P
μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
MQME-28-P SYNQOR-MQME-28-P Datasheet
601Kb / 12P
HIIGH RELLIIABIILLIITTY EMI FIILLTTER
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
Quad USB High-Side Power Switch
logo
Micrel Semiconductor
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
Quad USB Power Distribution Switch
MIC2527 MICREL-MIC2527 Datasheet
124Kb / 12P
Quad USB Power Control Switch
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
Quad Port USB Power Distribution Switch
logo
Generalplus Technology ...
GPL085A GENERALPLUS-GPL085A Datasheet
717Kb / 15P
Low Power 660--dott LCD Conttrollller wiitth 64KB ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com