Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPD-MR-08-15CDA Datasheet (PDF) - Source Photonics, Inc.

XPD-MR-08-15CDA Datasheet PDF - Source Photonics, Inc.
Part # XPD-MR-08-15CDA
Download  XPD-MR-08-15CDA Download
File Size   652.67 Kbytes
Page   6 Pages
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.
Description 10 Gbps 80km DWDM Multirate XFP Transceiver

XPD-MR-08-15CDA Datasheet (PDF)

Go To PDF Page Download Datasheet
XPD-MR-08-15CDA Datasheet PDF - Source Photonics, Inc.

Part # XPD-MR-08-15CDA
Download  XPD-MR-08-15CDA Click to download

File Size   652.67 Kbytes
Page   6 Pages
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.
Description 10 Gbps 80km DWDM Multirate XFP Transceiver

XPD-MR-08-15CDA Datasheet (HTML) - Source Photonics, Inc.




Similar Part No. - XPD-MR-08-15CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XPD-MR-08-XXCDFA SOURCE-XPD-MR-08-XXCDFA Datasheet
532Kb / 9P
Available in all 100GHz C-Band Wavelengths on the DWDM ITU Grid
More results


Similar Description - XPD-MR-08-15CDA

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
XFP-DWLR12P MRV-XFP-DWLR12P Datasheet
117Kb / 6P
10 Gbps DWDM Multirate XFP Transceivers
XFP-10GD-LR12P MRV-XFP-10GD-LR12P Datasheet
100Kb / 5P
10 Gbps Multirate XFP Transceivers
logo
Finisar Corporation.
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
10Gb/s DWDM 80km XFP Optical Transceiver
logo
Source Photonics, Inc.
XPD-MR-D1215CDA SOURCE-XPD-MR-D1215CDA Datasheet
845Kb / 6P
10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-04-15CDA SOURCE-XPD-MR-04-15CDA Datasheet
650Kb / 6P
10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
XP-MR-08-CDA SOURCE-XP-MR-08-CDA Datasheet
828Kb / 5P
10 Gbps 80km Multirate XFP Transceiver Preliminary
XP-MR-D12-CDA SOURCE-XP-MR-D12-CDA Datasheet
829Kb / 5P
10 Gbps 120km Multirate XFP Transceiver Preliminary
XP-MR-04-CDA SOURCE-XP-MR-04-CDA Datasheet
828Kb / 5P
10 Gbps 40km Multirate XFP Transceiver Preliminary
logo
OPLINK Communications I...
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
logo
Finisar Corporation.
FTLX3813M3 FINISAR-FTLX3813M3 Datasheet
561Kb / 13P
Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com