Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC2R5NDC4 Datasheet (PDF) - Sensortechnics GmbH

DC2R5NDC4 Datasheet PDF - Sensortechnics GmbH
Part # DC2R5NDC4
Download  DC2R5NDC4 Download
File Size   77.42 Kbytes
Page   6 Pages
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH
Description SURSENSETM precision very low pressure sensors / V-output

DC2R5NDC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
DC2R5NDC4 Datasheet PDF - Sensortechnics GmbH

Part # DC2R5NDC4
Download  DC2R5NDC4 Click to download

File Size   77.42 Kbytes
Page   6 Pages
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH
Description SURSENSETM precision very low pressure sensors / V-output

DC2R5NDC4 Datasheet (HTML) - Sensortechnics GmbH


DC2R5NDC4 Product details

SURSENSE™ precision very low pressure sensors / V-output



FEATURES

· Ranges from 1 to 30 "H2O and 2.5 to 75 mbar differential or gage

· Precision temperature compensated

· Calibrated offset and span

· Extremely low position sensitivity

· Excellent long term stability

· Ratiometric output or internal supply regulation



SERVICE

Non-corrosive, non-ionic working fluids such as clean dry air, dry gases and the like.

The media wetted materials are:

- silicon diaphragm

- glass filled nylon

- RTV

- ceramic (Al2O3)




Similar Part No. - DC2R5NDC4

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DC2R HAMMOND-DC2R Datasheet
54Kb / 1P
Bati ouvert a 2 montants a assembler en acier leger
logo
Japan Aviation Electron...
DC2R019HA2R1900 JAE-DC2R019HA2R1900 Datasheet
146Kb / 2P
Input/Output connector, HDMI standard Type C HDMI Mini connector, All SMT type, 19 pos., Receptacle
DC2R019JA5 JAE-DC2R019JA5 Datasheet
214Kb / 5P
HDMI Standard Type C HDMI Mini Connector
DC2R019JA5R1700 JAE-DC2R019JA5R1700 Datasheet
139Kb / 2P
Input/Output connector, HDMI standard Type C HDMI Mini connector, Shell DIP type, 19 pos., Receptacle
DC2R019JA6R1700 JAE-DC2R019JA6R1700 Datasheet
139Kb / 2P
Input/Output connector, HDMI standard Type C HDMI Mini connector, Shell DIP type, 19 pos., Receptacle
More results


Similar Description - DC2R5NDC4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCXL004DN ETC1-SCXL004DN Datasheet
125Kb / 3P
Precision Compensated, Low Pressure Sensors
logo
Sensortechnics GmbH
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
Precision very low differential pressure transmitters
CPC15AC SENSORTECHNICS-CPC15AC Datasheet
83Kb / 6P
Precision compensated pressure sensors / mV-output
DCXL01DS SENSORTECHNICS-DCXL01DS Datasheet
78Kb / 5P
SURSENSETM precision very low pressure sensors / mV-output
XPC30GFC SENSORTECHNICS-XPC30GFC Datasheet
102Kb / 6P
Precision compensated pressure sensors / mV-output
XPC15GFH SENSORTECHNICS-XPC15GFH Datasheet
103Kb / 6P
Precision compensated pressure sensors / mV-output
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
Precision very low differential pressure transmitters
PCOH004DH SENSORTECHNICS-PCOH004DH Datasheet
61Kb / 3P
Precision compensated pressure sensors / mV-output
PLAM001DB SENSORTECHNICS-PLAM001DB Datasheet
119Kb / 4P
Amplified precision very low pressure sensors
PLOH001D SENSORTECHNICS-PLOH001D Datasheet
73Kb / 4P
Precision very low pressure sensors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com