Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49063 Datasheet (PDF) - Molex Electronics Ltd.

49063 Datasheet PDF - Molex Electronics Ltd.
Part # 49063
Download  49063 Download
File Size   696.75 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 0.30mm (.012?? Pitch FPC Connector 1.20mm (.047?? Height

49063 Datasheet (PDF)

Go To PDF Page Download Datasheet
49063 Datasheet PDF - Molex Electronics Ltd.

Part # 49063
Download  49063 Click to download

File Size   696.75 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 0.30mm (.012?? Pitch FPC Connector 1.20mm (.047?? Height

49063 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 49063

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4906 BOURNS-4906 Datasheet
29Kb / 1P
Adjustable RF Inductors
logo
VBsemi Electronics Co.,...
4906 VBSEMI-4906 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Keystone Electronics Co...
4906 KEYSTONE-4906 Datasheet
508Kb / 1P
PC QUICK-FIT MALE TERMINALS
31-07 20th
logo
Bourns Electronic Solut...
4906-S BOURNS-4906-S Datasheet
29Kb / 1P
Adjustable RF Inductors
More results


Similar Description - 49063

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
500797 MOLEX-500797 Datasheet
946Kb / 2P
0.30mm (.012") Pitch FPC Connector 1.05mm (.041") Height
0545480571 MOLEX7-0545480571 Datasheet
541Kb / 7P
0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,
5016281191 MOLEX11-5016281191 Datasheet
404Kb / 5P
0.30mm (.012") Pitch Easy-On??Type FPC Connector
5016283391 MOLEX11-5016283391 Datasheet
404Kb / 5P
0.30mm (.012") Pitch Easy-On??Type FPC Connector, 0.90mm (.035") Mated Height
5016284591 MOLEX11-5016284591 Datasheet
404Kb / 5P
0.30mm (.012") Pitch Easy-On??Type FPC Connector, 0.90mm (.035") Mated Height
5022503391 MOLEX11-5022503391 Datasheet
507Kb / 7P
0.30mm (.012") Pitch Easy-On??BackFlip??FPC Connector
5007971194 MOLEX11-5007971194 Datasheet
521Kb / 7P
0.30mm (.012") Pitch Easy-On??Type FPC Connector
5007971594 MOLEX11-5007971594 Datasheet
521Kb / 7P
0.30mm (.012") Pitch Easy-On Type FPC Connector, 1.05mm (.041") Mated Height, Right Angle
5016163585 MOLEX11-5016163585 Datasheet
350Kb / 4P
0.30mm (.012") Pitch Easy-On Type FPC Connector, 1.10mm (.043") Mated Height, Right Angle
0923160422 MOLEX11-0923160422 Datasheet
109Kb / 2P
0.30mm (.012
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com