Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWI322522 Datasheet (PDF) - Superworld Electronics

HWI322522 Datasheet PDF - Superworld Electronics
Part # HWI322522
Download  HWI322522 Download
File Size   280.18 Kbytes
Page   6 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description MOLDED WIREWOUND CHIP INDUCTORS

HWI322522 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWI322522 Datasheet PDF - Superworld Electronics

Part # HWI322522
Download  HWI322522 Click to download

File Size   280.18 Kbytes
Page   6 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description MOLDED WIREWOUND CHIP INDUCTORS

HWI322522 Datasheet (HTML) - Superworld Electronics


HWI322522 Product details

GENERAL SPECIFICATION :

a) Temp. rise : 20°C Max.

b) Ambient temp. : 100°C Max.

c) Storage temp. : -40°C to +125°C

d) Operating temp. : -40°C to +125°C

e) Terminal strength : 0.5Kg Min.

f) Rated current : Current cause inductance drop within 10%

g) Resistance to solder heat : 260°C for 10secs

h) Resistance to solvent : Per MIL-STD-202F




Similar Part No. - HWI322522

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
HWI322522-100KF SUPERWORLD-HWI322522-100KF Datasheet
256Kb / 4P
Wire Wound Inductor
HWI322522-101KF SUPERWORLD-HWI322522-101KF Datasheet
256Kb / 4P
Wire Wound Inductor
HWI322522-150KF SUPERWORLD-HWI322522-150KF Datasheet
256Kb / 4P
Wire Wound Inductor
HWI322522-1R0KF SUPERWORLD-HWI322522-1R0KF Datasheet
256Kb / 4P
Wire Wound Inductor
HWI322522-1R5KF SUPERWORLD-HWI322522-1R5KF Datasheet
256Kb / 4P
Wire Wound Inductor
More results


Similar Description - HWI322522

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
Molded Chip Wirewound Inductors
logo
Superworld Electronics
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN-FA100KTRF NIC-NIN-FA100KTRF Datasheet
124Kb / 13P
Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI453232R10MF SUPERWORLD-WI453232R10MF Datasheet
300Kb / 5P
MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
MOLDED WIREWOUND CHIP INDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com