Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7846AQ Datasheet (PDF) - Analog Devices

AD7846AQ Datasheet PDF - Analog Devices
Part # AD7846AQ
Download  AD7846AQ Download
File Size   616.56 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit Voltage Output DAC

AD7846AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7846AQ Datasheet PDF - Analog Devices

Part # AD7846AQ
Download  AD7846AQ Click to download

File Size   616.56 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit Voltage Output DAC

AD7846AQ Datasheet (HTML) - Analog Devices


AD7846AQ Product details

GENERAL DESCRIPTION
The AD7846 is a 16-bit DAC constructed with the Analog Devices, Inc., LC2MOS process. It has VREF+ and VREF− reference inputs and an on-chip output amplifier. These can be configured to give a unipolar output range (0 V to +5 V, 0 V to +10 V) or bipolar output ranges (±5 V, ±10 V).
   
FEATURES
    16-bit monotonicity over temperature
    ±2 LSBs integral linearity error
    Microprocessor compatible with readback capability
    Unipolar or bipolar output
    Multiplying capability
    Low power (100 mW typical)
   




Similar Part No. - AD7846AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846AQ AD-AD7846AQ Datasheet
451Kb / 24P
LC2MOS 16-Bit Voltage Output DAC
Rev. G
More results


Similar Description - AD7846AQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
Precision 16-Bit, Buffered Voltage-Output DAC
DAC161S055 TI-DAC161S055_13 Datasheet
918Kb / 27P
DAC161S055 Precision 16-Bit, Buffered Voltage-Output DAC
logo
Analog Devices
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
LC2MOS 16-Bit Voltage Output DAC
Rev. G
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
LC MOS 16-Bit Voltage Output DAC
Rev. G
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
AD5541A AD-AD5541A_18 Datasheet
435Kb / 20P
Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
4/2018-Rev. A to Rev. B
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com