Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDC0403 Datasheet (PDF) - Superworld Electronics

PDC0403 Datasheet PDF - Superworld Electronics
Part # PDC0403
Download  PDC0403 Download
File Size   662.89 Kbytes
Page   5 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description SMD POWER INDUCTORS

PDC0403 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDC0403 Datasheet PDF - Superworld Electronics

Part # PDC0403
Download  PDC0403 Click to download

File Size   662.89 Kbytes
Page   5 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description SMD POWER INDUCTORS

PDC0403 Datasheet (HTML) - Superworld Electronics


PDC0403 Product details

SMD POWER INDUCTORS



GENERAL SPECIFICATION :

Resistance to solder heat : 260°C.10 secs

Operating temp. : -40°C to +85°C

Storage temp. : -40°C to +125°C

Rated current : Base on temp. rise & ∆L/L0A = 10% Max.

Temp. rise : 40°C Max.




Similar Part No. - PDC0403

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDC003-EF13A04T BOURNS-PDC003-EF13A04T Datasheet
1Mb / 6P
PDC-EP, PDC-EF & PDC-RM Series - DC to DC Transformers
10/23
PDC010-FD15A03S BOURNS-PDC010-FD15A03S Datasheet
1Mb / 7P
PDC-FD Series – DC to DC Transformers
10/23
PDC015-FD15A05S BOURNS-PDC015-FD15A05S Datasheet
1Mb / 7P
PDC-FD Series – DC to DC Transformers
10/23
PDC020-FD15A12S BOURNS-PDC020-FD15A12S Datasheet
1Mb / 7P
PDC-FD Series – DC to DC Transformers
10/23
PDC023-EP13A05S BOURNS-PDC023-EP13A05S Datasheet
1Mb / 6P
PDC-EP, PDC-EF & PDC-RM Series - DC to DC Transformers
10/23
More results


Similar Description - PDC0403

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com