Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC0704 Datasheet (PDF) - Superworld Electronics

SDC0704 Datasheet PDF - Superworld Electronics
Part # SDC0704
Download  SDC0704 Download
File Size   245.9 Kbytes
Page   4 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description SMD POWER INDUCTORS

SDC0704 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDC0704 Datasheet PDF - Superworld Electronics

Part # SDC0704
Download  SDC0704 Click to download

File Size   245.9 Kbytes
Page   4 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description SMD POWER INDUCTORS

SDC0704 Datasheet (HTML) - Superworld Electronics


SDC0704 Product details

SMD POWER INDUCTORS

GENERAL SPECIFICATION :
    a) Temp. rise : 40°C Max.
    b) Rated current : Base on temp. rise & ǻL/L0A = 25% Max.
    c) Operating temp. : -40°C to +85°C




Similar Part No. - SDC0704

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDC0703 SUPERWORLD-SDC0703 Datasheet
218Kb / 4P
SMD POWER INDUCTORS
SDC0703-100MF SUPERWORLD-SDC0703-100MF Datasheet
218Kb / 4P
SMD POWER INDUCTORS
SDC0703-101MF SUPERWORLD-SDC0703-101MF Datasheet
218Kb / 4P
SMD POWER INDUCTORS
SDC0703-102MF SUPERWORLD-SDC0703-102MF Datasheet
218Kb / 4P
SMD POWER INDUCTORS
SDC0703-120MF SUPERWORLD-SDC0703-120MF Datasheet
218Kb / 4P
SMD POWER INDUCTORS
More results


Similar Description - SDC0704

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com