Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ6991 Datasheet (PDF) - American Zettler, Inc.

AZ6991 Datasheet PDF - American Zettler, Inc.
Part # AZ6991
Download  AZ6991 Download
File Size   100.67 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description SENSITIVE SUBMINIATURE RELAY

AZ6991 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ6991 Datasheet PDF - American Zettler, Inc.

Part # AZ6991
Download  AZ6991 Click to download

File Size   100.67 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description SENSITIVE SUBMINIATURE RELAY

AZ6991 Datasheet (HTML) - American Zettler, Inc.


AZ6991 Product details

FEATURES

• Extremely small footprint utilizing only 0.22 square inch of PCB area

• Thin vertical profile only 0.196" wide

• 6 Amp switching capability

• High sensitivity, 95 mW pickup

• Dielectric strength 4000 Vrms contact to coil

• Coils to 60 VDC

• Epoxy sealed version for wave soldering and cleaning available

• Isolation spacing greater than 8 mm

• UL/CUR file E43203, VDE file 40020561



 




Similar Part No. - AZ6991

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ6991 ZETTLER-AZ6991 Datasheet
55Kb / 2P
SENSITIVE SUBMINIATURE RELAY
AZ6991-1A-12D ZETTLER-AZ6991-1A-12D Datasheet
55Kb / 2P
SENSITIVE SUBMINIATURE RELAY
AZ6991-1A-12D ZETTLER-AZ6991-1A-12D Datasheet
53Kb / 2P
SENSITIVE SUBMINIATURE RELAY
AZ6991-1A-24D ZETTLER-AZ6991-1A-24D Datasheet
55Kb / 2P
SENSITIVE SUBMINIATURE RELAY
AZ6991-1A-24D ZETTLER-AZ6991-1A-24D Datasheet
53Kb / 2P
SENSITIVE SUBMINIATURE RELAY
More results


Similar Description - AZ6991

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ699 ETC-AZ699 Datasheet
128Kb / 2P
SENSITIVE SUBMINIATURE RELAY
AZ695 ETC1-AZ695 Datasheet
45Kb / 2P
SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ937 ZETTLER-AZ937 Datasheet
62Kb / 2P
SENSITIVE SUBMINIATURE RELAY
AZ6991 ZETTLER-AZ6991 Datasheet
55Kb / 2P
SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6951 AZETTLER-AZ6951 Datasheet
146Kb / 2P
SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ699 ZETTLER-AZ699 Datasheet
173Kb / 2P
SENSITIVE SUBMINIATURE RELAY
AZ937 ZETTLER-AZ937_13 Datasheet
103Kb / 2P
SENSITIVE SUBMINIATURE RELAY
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
SENSITIVE SUBMINIATURE RELAY
AZ6991 ZETTLER-AZ6991_12 Datasheet
53Kb / 2P
SENSITIVE SUBMINIATURE RELAY
AZ9371 ZETTLER-AZ9371 Datasheet
53Kb / 3P
SENSITIVE SUBMINIATURE RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com