Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

46562 Datasheet (PDF) - Molex Electronics Ltd.

46562 Datasheet PDF - Molex Electronics Ltd.
Part # 46562
Download  46562 Download
File Size   1410.81 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description EXTreme Ten60Power??High-Current Connector Board-to-Board

46562 Datasheet (PDF)

Go To PDF Page Download Datasheet
46562 Datasheet PDF - Molex Electronics Ltd.

Part # 46562
Download  46562 Click to download

File Size   1410.81 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description EXTreme Ten60Power??High-Current Connector Board-to-Board

46562 Datasheet (HTML) - Molex Electronics Ltd.


46562 Product details

FEATURES AND SPECIFICATIONS

The EXTreme Ten60 Power™ Connector features the highest square-inch current density of any power connector system that Molex has developed. A low 10.00mm (.394”) profile, coupled with high-capacity power blades, allows this interconnect to target smaller power supply architectures that deliver very high current in limited spaces where airflow can otherwise be restricted by larger connectors. Optional guides can be placed on each end at traditional side locations, or on top of the connector to save valuable PC board real estate. Power and signal modules can be placed in any location.

Features and Benefits
■ Low-profile design of 10.00mm height enhances system airflow and provides 278.0A per linear inch
■ Modular assembly for virtually any design configuration including wire-to-board options
■ Right-angle and vertical mounting available for either coplanar or perpendicular applications
■ Robust, high-current contact blades for DC (5.50mm pitch) and AC (7.50mm pitch) spacing options
■ Rated for current interruption
■ Connectors comply to EIA-364-1001.01 and MFG test procedures
■ Last-mate/first-break available on both power and signal contacts
■ 60.0A per power blade




Similar Part No. - 46562

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46562 MOLEX-46562 Datasheet
34Kb / 2P
EXTreme Ten60Power High-Current Connector
09/01/2021
46562 MOLEX-46562 Datasheet
35Kb / 2P
EXTreme Ten60Power High-Current Connector
10/11/2021
46562-1011 MOLEX-46562-1011 Datasheet
1Mb / 3P
EXTreme Ten50PowerTM High-Current Connector 5.50 (DC) or 7.50mm (AC)
46562-3003 MOLEX-46562-3003 Datasheet
35Kb / 2P
EXTreme Ten60Power High-Current Connector
10/11/2021
46562-3008 MOLEX-46562-3008 Datasheet
34Kb / 2P
EXTreme Ten60Power High-Current Connector
09/01/2021
More results


Similar Description - 46562

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75555 MOLEX-75555 Datasheet
1Mb / 3P
EXTreme PowerMass??High-Current Assembly Board-to-Board
75730 MOLEX-75730 Datasheet
1Mb / 2P
EXTreme MicroPower??4.00mm (0.157?? Pitch Board-to-Board Connector
75555-2001 MOLEX-75555-2001 Datasheet
270Kb / 3P
EXTreme Power-Mass??High-Current Connector Board-to-Board Applications
46586-1003 MOLEX11-46586-1003 Datasheet
58Kb / 1P
EXTreme Ten60Power™ 7.50mm Pitch Wire-to-Board Harness Kit,3 Circuits with
46708-0001 MOLEX11-46708-0001 Datasheet
37Kb / 1P
TPA for EXTreme Ten60Power
46710-9000 MOLEX11-46710-9000 Datasheet
42Kb / 1P
EXTreme Ten60Power 153 Wire-to-Board Harness Kit, 4 Power Circuits, 15 Signal Circuits
46945-0001 MOLEX11-46945-0001 Datasheet
37Kb / 1P
TPA for EXTreme Ten60Power Housing Plug
46947-0001 MOLEX11-46947-0001 Datasheet
38Kb / 1P
TPA for EXTreme Ten60Power Housing Receptacle
logo
Adam Technologies, Inc.
BB5-S-XX ADAM-TECH-BB5-S-XX Datasheet
152Kb / 1P
BOARD TO BOARD CONNECTOR
logo
Kyocera Kinseki Corpota...
5015 KSS-5015 Datasheet
430Kb / 3P
Board to Board Connector
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com